Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX364C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX364C/D
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX364C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX364C/D Datasheet HTML 5Page - Maxim Integrated Products MAX364C/D Datasheet HTML 6Page - Maxim Integrated Products MAX364C/D Datasheet HTML 7Page - Maxim Integrated Products MAX364C/D Datasheet HTML 8Page - Maxim Integrated Products MAX364C/D Datasheet HTML 9Page - Maxim Integrated Products MAX364C/D Datasheet HTML 10Page - Maxim Integrated Products MAX364C/D Datasheet HTML 11Page - Maxim Integrated Products MAX364C/D Datasheet HTML 12Page - Maxim Integrated Products MAX364C/D Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
9
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
COM_
NC_ OR
NO_
GND
RL
10dBm
C
V+
+15V
IN_
0V, +2.4V
V-
-15V
C
+5V
VL
Figure 4. Off Isolation Test Circuit
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
0V, +2.4V
IN1
COM_
GND
RL
10dBm
C
+15V
COM_
IN_
NC_
OR NO_
NC
0V, +2.4V
50
Ω
V-
-15V
C
+5V
NC_ OR
NO_
VL
V+
Figure 5. Crosstalk Test Circuit
FREQUENCY
TESTED
SIGNAL
GENERATOR
ANALYZER
100Hz to 13MHz
AUTOMATIC SYNTHESIZER
SPECTRUM ANALYZER
METER
IMPEDANCE
ANALYZER OR
EQUIVALENT
COM_
NO_ OR
NC_
GND
C
V+
+15V
IN_
0V, +2.4V
V-
-15V
C
f = 1MHz
+5V
VL
V+
Figure 6. COM_, NC_, NO_ Off Capacitance
CAPACITANCE
METER
COM_
NO_ OR
NC_
GND
C
+15V
IN_
0V, +2.4V
V-
-15V
C
V+
f = 1MHz
+5V
VL
VD
Figure 7. COM_, NC_, NO_ On Capacitance
_________________________________Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com