Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX364C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX364C/D
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX364C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX364C/D Datasheet HTML 4Page - Maxim Integrated Products MAX364C/D Datasheet HTML 5Page - Maxim Integrated Products MAX364C/D Datasheet HTML 6Page - Maxim Integrated Products MAX364C/D Datasheet HTML 7Page - Maxim Integrated Products MAX364C/D Datasheet HTML 8Page - Maxim Integrated Products MAX364C/D Datasheet HTML 9Page - Maxim Integrated Products MAX364C/D Datasheet HTML 10Page - Maxim Integrated Products MAX364C/D Datasheet HTML 11Page - Maxim Integrated Products MAX364C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Precision, Quad, SPST Analog Switches
8
_______________________________________________________________________________________
∆VO
OFF
ON
OFF
VO
IN_
MAX364
IN_
MAX365
OFF
OFF
ON
Q =
∆VO × CL
-15V
V-
V+
IN_
GND
COM_
+15V
RGEN
VGEN
VIN = +3V
CL
VO
VL
+5V
D1
NC or NO
Figure 3. Charge-Injection Test Circuit
______________________________________________Test Circuits/Timing Diagrams
tOFF
0.8VO
VO
0.8VO
tf < 20ns
tr < 20ns
50%
0V
VCOM
0V
+3V
SWITCH
INPUT
SWITCH
OUTPUT
LOGIC INPUT WAVEFORM IS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
tON
SWITCH
INPUT
LOGIC
INPUT
+3V
IN_
+5V
V-
-15V
RL
CL
VO
NO_ OR NC_
FOR LOAD CONDITIONS, SEE SPECIFICATIONS.
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
GND
REPEAT TEST FOR CHANNELS 2, 3, AND 4.
VO = VCOM
RL
RL + RON
LOGIC
INPUT
VL
+15V
V+
COM_
IN1
COM_
Figure 2. Switching-Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com