Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX364C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX364C/D
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX364C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX364C/D Datasheet HTML 1Page - Maxim Integrated Products MAX364C/D Datasheet HTML 2Page - Maxim Integrated Products MAX364C/D Datasheet HTML 3Page - Maxim Integrated Products MAX364C/D Datasheet HTML 4Page - Maxim Integrated Products MAX364C/D Datasheet HTML 5Page - Maxim Integrated Products MAX364C/D Datasheet HTML 6Page - Maxim Integrated Products MAX364C/D Datasheet HTML 7Page - Maxim Integrated Products MAX364C/D Datasheet HTML 8Page - Maxim Integrated Products MAX364C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
________________General Description
The MAX364/MAX365 are precision, quad, single-pole
single-throw (SPST) analog switches. The MAX364 has
four normally closed (NC), and the MAX365 has four
normally open (NO) switches. Both parts offer low-
channel on-resistance (less than 85Ω), guaranteed to
match within 2Ω between channels and to remain flat
over the analog signal range (∆9Ω max). Both parts
also offer low leakage (less than 500pA at +25°C and
less than 4nA at +85°C) and fast switching (turn-on
time less than 250ns and turn-off time less than 170ns).
The MAX364/MAX365 are fabricated with Maxim’s new
improved 44V silicon-gate process. Design improve-
ments guarantee extremely low charge injection
(10pC), low power consumption (35µW), and electro-
static discharge (ESD) greater than 2000V. The 44V
maximum breakdown voltage allows rail-to-rail analog
signal handling capability.
These monolithic switches operate with a single positive
supply (+10V to +30V) or with split supplies (±4.5V to
±20V) while retaining CMOS-logic input compatibility
and fast switching. CMOS inputs provide reduced
input loading.
________________________Applications
Sample-and-Hold Circuits
Communication Systems
Guidance and Control Systems Battery-Operated Systems
Heads-Up Displays
PBX, PABX
Test Equipment
Military Radios
____________________________Features
♦ Low On-Resistance: < 45Ω Typical (85Ω Max)
♦ Guaranteed Matched On-Resistance Between
Channels: < 2Ω
♦ Guaranteed Flat On-Resistance over Full Analog
Signal Range: ∆9Ω Max
♦ Guaranteed Charge Injection: < 10pC
♦ Guaranteed Off-Channel Leakage: < 4nA at +85°C
♦ ESD Guaranteed > 2000V per Method 3015.7
♦ Single-Supply Operation (+10V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
♦ TTL-/CMOS-Logic Compatible
♦ Rail-to-Rail Analog Signal Handling Capability
Ordering Information
Precision, Quad, SPST Analog Switches
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX365
VL
NO3
COM3
IN3
IN4
COM4
NO4
GND
DIP/SO
DIP/SO
MAX365
LOGIC
SWITCH
0
1
OFF
ON
SWITCHES SHOWN
FOR LOGIC "0" INPUT
MAX364
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX364
VL
NC3
COM3
IN3
IN4
COM4
NC4
GND
TOP VIEW
_____________________ Pin Configurations/Functional Diagrams/Truth Tables
19-0181; Rev 2; 6/04
Pin Configurations continued
at end of data sheet.
________________________________________________________________
Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
* Contact factory for dice specifications.
PART
TEMP RANGE
PIN-PACKAGE
MAX364CPE
0°C to +70°C
16 Plastic DIP
MAX364CSE
0°C to +70°C
16 Narrow SO
MAX364C/D
0°C to +70°C
Dice*
MAX364ETE
-40°C to +85°C
16 Thin QFN (5mm x 5mm)
MAX364EPE
-40°C to +85°C
16 Plastic DIP
MAX364ESE
-40°C to +85°C
16 Narrow SO
MAX365CPE
0°C to +70°C
16 Plastic DIP
MAX365CSE
0°C to +70°C
16 Narrow SO
MAX365C/D
0°C to +70°C
Dice*
MAX365ETE
-40°C to +85°C
16 Thin QFN (5mm x 5mm)
MAX365EPE
-40°C to +85°C
16 Plastic DIP
MAX365ESE
-40°C to +85°C
16 Narrow SO


Similar Part No. - MAX364C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364C/D MAXIM-MAX364C/D Datasheet
89Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX364C/D MAXIM-MAX364C/D Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
More results

Similar Description - MAX364C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX391 MAXIM-MAX391_06 Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com