Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL-P3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL-P3
Description  Image Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL-P3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL-P3 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
"
DALSA INC.: Phone: 519-886-6000 Fax: 519-886-8023
03-36-00166-06
ISO 9001
DALSA EUROPE: Phone: +49-8142-46770 Fax: +49-8142-467746
www.dalsa.com
IL-P3
Line Scan Sensors
For product information and updates visit www.dalsa.com
Parameter
Unit
Min.
Max.
Storage Temp
°C
-20
80
Operating Temp
°C
-20
60
Voltage on CR1, CR2, VSTOR, TCK, PR, VLS with
respect to VBB
V
-10
18
Voltage on OS, VDD, VOD, VSS, VPR, VHIGH,
CRLAST, RST, VSET, VLOW with respect to VBB
V0
18
Voltage on OSn with respect to VSS
V
VDD-8
VDD+1
Amplifier Load Current (ILOAD)
mA per output
20
WARNING: Exceeding these values will void product warranty and may damage the device.
Table 4. IL-P3 Absolute Maximum Ratings
CAUTION! These devices are sensitive to damage from electrostatic discharge (ESD). The leads
should be shorted together during storage or handling to prevent damage to the device.
Input Characteristics: Capacitance to VBB 
Unit
Typical
512
1024
2048
from CR1, CR2
2
pF
70
125
250
from CRLAST
pF
9
9
9
from RST
pF
7
7
7
from PR
pF
31
53
99
from TCK
pF
20
36
70
Output Characteristics:
Output Impedance (ROUT)
3
W
130
W with I
LOAD = 10mA
Amplifier Supply Current (IDD)
4
mA
14mA with ILOAD = 10mA
DC Output Offset (VOS)
5
V
8.3V with ILOAD = 10mA
Notes:
1.
Using 1V pk-pk 1MHz signal with +5V DC offset.
2.
The two CR1 pins (pins 17 and 18) are internally connected, as are the two CR2 pins (pins 15 and 16).
3.
In general, ROUT(W) ~ 324 * (ILOAD)
-0.389, I
LOAD in mA.
4.
In general, IDD (mA) = 4 + ILOAD, ILOAD in mA.
5.
In general, VOFFSET (V) = 0.0018 * (ILOAD)
2 - 0.17 * (I
LOAD) + 9.8, ILOAD in mA.
Table 5. IL-P3 Input/Output Characteristics
WARNING: To prevent damage to the sensor, a Schottky diode must connect
VBB and VSS. See Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com