Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL-P3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IL-P3
Description  Image Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL-P3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IL-P3 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
03-36-00166-06
DALSA INC.: Phone: 519-886-6000 Fax: 519-886-8023
#
www.dalsa.com
DALSA EUROPE: Phone: +49-8142-46770 Fax: +49-8142-467746
ISO 9001
IL-P3
For product information and updates visit www.dalsa.com
Line Scan Sensors
Symbol
Description
Unit
Min.
Rec. 
Max.
ILOAD
Load current to the output (OS)
mA
7.5
10.0
18.0
VDD
Amplifier supply
V
13.5
14.0
15.0
VOD
Output reset drain
V
12.0
12.5
13.0
VSET
Output node set gate
V
0.7
1.2
1.4
VSTOR
2
Pixel storage gate
V
1.1
1.5
1.7
VPR
Pixel reset drain, guard ring
V
13
14
15
VHIGH
High bias voltage
V
13
14
15
VLOW
Low bias voltage
V
-0.5
0
15
VBB
3
Substrate
V
-2.5
-2
-1.5
VLS
Light shield
V
VBB
VSS
3
Amplifier return
V
0
Notes:
1.
When deviating from the recommended biases, ensure that the new biases still meet the essential conditions on
Table 8.
2.
VSTOR may be adjusted to affect the antiblooming level. VSAT decreases by ~ 870mV for every 1.0V reduction in
VSTOR.
3.
VBB should never be forward biased with respect to VSS. To protect against damage, a Schottky diode between
VBB and VSS is recommended (see Figure 7).
Table 6. IL-P3 DC Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com