Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL-P3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL-P3
Description  Image Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL-P3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL-P3 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LINE
S
CAN
SENSORS
DALSA IL-P3
Image Sensors
Fast and sensitive, DALSA’s IL-P3 has been designed and
fabricated using the industry’s most sophisticated technol-
ogy. The IL-P3 delivers consistently high image quality, and
its single output design reduces the cost and complexity of
support electronics.
Features
n Single output, 40MHz data rate
n Surface gated photodiodes for low lag
n Line rate to 73kHz (512 model)
n Low voltage clocks (<5V)
n 14µm (H) x 14µm (V) pixels, 100% fill factor
n 512, 1024, or 2048 pixels
n Antiblooming and exposure control
n Highly sensitive, with responsivity reaching
43V/(µJ/cm
2)
Description
Physical Characteristics
IL-P3
Pixel dimensions
14µm x 14µm
Active area 14µm x
7.2 / 14.4 / 28.7mm
Active pixels per line
512 / 1024 / 2048
Isolation pixels per line
20
Shielded pixels per line
6
03-36-00166-06
DALSA INC.: Phone: 519-886-6000 Fax: 519-886-8023

www.dalsa.com
DALSA EUROPE: Phone: +49-8142-46770 Fax: +49-8142-467746
ISO 9001
Pin
Symbol
Name
1
VSS
Amplifier Return
2
OS
Output Signal
3
VDD
Amplifier Supply
4, 11
TCK
Transfer Gate
5
PR
Pixel Reset Gate
6, 20
VLS
Light Shield
7, 10, 14
NC
No Connection
8
VPR
Pixel Reset Drain, Guard Ring
9
VSTOR
Pixel Storage Gate
12
VLOW
Low Bias Voltage
13
VHIGH
High Bias Voltage
15, 16
CR2
Readout Register, Phase 2
17, 18
CR1
Readout Register, Phase 1
19
VBB
Substrate
21
CRLAST
Last Register
22
VSET
Output Node Set Gate
23
RST
Output Reset Gate
24
VOD
Output Reset Drain
Table 1. IL-P3 Pin Functional Description
24
VOD
23
RST
22
VSET
21
CRLAST
20
VLS
19
VBB
18
CR1
17
CR1
16
CR2
15
CR2
14
NC
13
VHIGH
VSS
1
OS
2
VDD
3
TCK
4
PR
5
VLS
6
NC
7
VPR
8
VSTOR
9
NC
10
TCK
11
VLOW
12


Similar Part No. - IL-P3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL-P1-XXXX-B ETC2-IL-P1-XXXX-B Datasheet
300Kb / 14P
Image Sensors
logo
Pro-Signal
IL-PL20 PROSIGNAL-IL-PL20 Datasheet
72Kb / 2P
Portable InfoLoopTM
April 2004
More results

Similar Description - IL-P3

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
List of Unclassifed Man...
IL-P1-XXXX-B ETC2-IL-P1-XXXX-B Datasheet
300Kb / 14P
Image Sensors
logo
Hamamatsu Corporation
S11850-1106 HAMAMATSU-S11850-1106_15 Datasheet
408Kb / 10P
CCD image sensors
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
S11106-10 HAMAMATSU-S11106-10_15 Datasheet
1Mb / 12P
CMOS linear image sensors
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
CMOS linear image sensors
S11071-1004 HAMAMATSU-S11071-1004_15 Datasheet
258Kb / 10P
CCD image sensors
S10453 HAMAMATSU-S10453_15 Datasheet
276Kb / 7P
CMOS linear image sensors
S10121 HAMAMATSU-S10121_15 Datasheet
387Kb / 13P
CMOS linear image sensors
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
CCD area image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com