Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68310 Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button CY7C68310 Datasheet HTML 26Page - Cypress Semiconductor CY7C68310 Datasheet HTML 27Page - Cypress Semiconductor CY7C68310 Datasheet HTML 28Page - Cypress Semiconductor CY7C68310 Datasheet HTML 29Page - Cypress Semiconductor CY7C68310 Datasheet HTML 30Page - Cypress Semiconductor CY7C68310 Datasheet HTML 31Page - Cypress Semiconductor CY7C68310 Datasheet HTML 32Page - Cypress Semiconductor CY7C68310 Datasheet HTML 33Page - Cypress Semiconductor CY7C68310 Datasheet HTML 34Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
This part is not recommended for new designs
Use CY7C68300B EZ-USB AT2LP™ USB2.0 to ATA/ATAPI
Bridge for new designs
CY7C68310
Document 38-08030 Rev. *J
Page 34 of 34
Document History Page
Description Title: CY7C68310 ISD-300LP™ Low-Power USB 2.0 to ATA/ATAPI Bridge IC
Document Number: 38-08030
REV.
ECN No. Issue Date
Orig. of
Change
Description of Change
**
118297
09/18/02
BHA
New Data Sheet
*A
120307
12/12/02
GIR
Revised for Preliminary status
*B
123509
04/04/03
GIR
Revised to include first silicon information
*C
126049
04/07/03
CVR
Post to external website CY7C68310-80AC
*D
126323
05/21/03
GIR
Updated Suspend Current and included Sleep Mode in Section 12.0
Added ESD Testing Methodology and Power Dissipation values to Section 10.0
Revised for Final status
*E
127185
06/05/03
BEH
Changed Static Discharge voltage to > 2000V(1)
Replaced previous Status Discharge footnotes with the following: “1. Meets NEC
ASIC ESD specifications IEC-GQ-6002-01 and IEC-6005-01”
Changed DC Specification ISLP <10 uA typical to 10 uA max
*F
127739
09/03/03
GIR
Corrected formatting of all tables
Added sections on ATACB and ATACB2
Corrected pin descriptions in Sections 4.3.4, 4.3.6, 4.3.8, 4.3.15, 4.3.16, and 4.3.17
Corrected values/contents of some EEPROM table fields to clarify IROS contents
Divided 2.5V and 3.3V current consumption in Section 10
Swapped order of PCB Layout Guidelines and Package Diagram sections
Corrected spelling and grammar
Added USB certification logo to cover page
Added USB-IF test ID number to Section 1.1 list
*G
131946
02/06/04
KKU
Updated to include lead-free part numbers.
Section 1.1 changed “Compact 80-Lead TQFP” to “Compact 80-pin TQFP package
with a Lead-Free option”
Section 11.0 added: CY7C68310-80AZC 80-Lead TQFP Lead-Free Package with
footnote that new designs should use Lead-Free part and existing designs should
migrate to Lead-Free parts.
*H
234589
SEE ECN
KKU
Reformatted Data sheet to new standard.
Changed section 12.0 for lead free marketing part number in accordance to spec
change in 28-00054.
*I
384793
SEE ECN
GIR
No longer recommended for new designs.
*J
397186
SEE ECN
ARI
Added the “Not Recommended” note at the top in a bigger font and clearer
message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com