Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68310 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CY7C68310 Datasheet HTML 26Page - Cypress Semiconductor CY7C68310 Datasheet HTML 27Page - Cypress Semiconductor CY7C68310 Datasheet HTML 28Page - Cypress Semiconductor CY7C68310 Datasheet HTML 29Page - Cypress Semiconductor CY7C68310 Datasheet HTML 30Page - Cypress Semiconductor CY7C68310 Datasheet HTML 31Page - Cypress Semiconductor CY7C68310 Datasheet HTML 32Page - Cypress Semiconductor CY7C68310 Datasheet HTML 33Page - Cypress Semiconductor CY7C68310 Datasheet HTML 34Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
This part is not recommended for new designs
Use CY7C68300B EZ-USB AT2LP™ USB2.0 to ATA/ATAPI
Bridge for new designs
CY7C68310
Document 38-08030 Rev. *J
Page 31 of 34
11.0
Operating Conditions
Operating temperature.................................................................................................................................................... 0 to 70°C
12.0
DC Characteristics
13.0
Ordering Information
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Digital voltage supply
2.25
2.50
2.75
V
VDDA
Analog voltage supply
2.25
2.50
2.75
V
VDDIO
I/O cell voltage supply
3.0
3.3
3.6
V
VIH
Input high voltage
2.0
VDDIO + 0.5
V
VIL
Input low voltage
–0.5
0.8
V
VOH
Output high voltage at IOH
2.4
V
VOL
Output low voltage at IOL
0.4
V
IOH
Source current at VOH
6mA
IOL
Sink current at VOL
6mA
InCFG
Unconfigured
current
Full-speed
40
mA
High-speed
60
mA
ICC
Configured
idle
Full-speed
2.5V Supply
36
mA
3.3V Supply
2
mA
High-speed
2.5V Supply
55
mA
3.3V supply
2
mA
Configured
operational
Full-speed
2.5V Supply
53
mA
3.3V Supply
11
mA
High-speed Compact
Flash
2.5V Supply
65
mA
3.3V Supply
6
mA
2.5” HDD
(See Note)
2.5V Supply
73
mA
3.3V Supply
9
mA
3.5” HDD
(See Note)
2.5V Supply
74
mA
3.3V Supply
19
mA
ISUP
Current in USB suspend
(inactive, connected)
250
µA
ISLP
Current in Sleep mode
(inactive, unconnected)
0.7
10
µA
Note: All values in this table assume 25
°C ambient temperature and nominal voltage unless otherwise stated. All “Configured operational”
measurements assume a 50/50 read/write duty cycle.
Part Number
[Package Type
CY7C68310-80AC
80-Lead TQFP
CY7C68310-80AXC[1]
80-Lead TQFP Lead-free Package
CY4617
CY7C68310 Mass Storage Reference Design Kit
Note:
1.
The Lead-free option should be used for new designs. It is recommended that existing designs migrate to Lead-free parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com