Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68310 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C68310 Datasheet HTML 5Page - Cypress Semiconductor CY7C68310 Datasheet HTML 6Page - Cypress Semiconductor CY7C68310 Datasheet HTML 7Page - Cypress Semiconductor CY7C68310 Datasheet HTML 8Page - Cypress Semiconductor CY7C68310 Datasheet HTML 9Page - Cypress Semiconductor CY7C68310 Datasheet HTML 10Page - Cypress Semiconductor CY7C68310 Datasheet HTML 11Page - Cypress Semiconductor CY7C68310 Datasheet HTML 12Page - Cypress Semiconductor CY7C68310 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
This part is not recommended for new designs
Use CY7C68300B EZ-USB AT2LP™ USB2.0 to ATA/ATAPI
Bridge for new designs
CY7C68310
Document 38-08030 Rev. *J
Page 9 of 34
Bit 0 (3F6h) Device Control / Alternate Status
Bit 1 (1F1h) Features / Error
Bit 2 (1F2h) Sector Count
Bit 3 (1F3h) Sector Number
Bit 4 (1F4h) Cylinder Low
Bit 5 (1F5h) Cylinder High
Bit 6 (1F6h) Device / Head
Bit 7 (1F7h) Command / Status
4
bATACBTransferBlockCount
This value indicates the maximum requested block size in 512-byte incre-
ments. This value must be set to the last value used for the “Sectors per block”
in the SET_MULTIPLE_MODE command. Legal values are 0, 1, 2, 4, 8, 16,
32, 64, and 128 where 0 indicates 256 sectors per block. A command failed
status will be returned if an illegal value is used in the ATACB.
5-12
bATACBTaskFileWriteData
These bytes contain ATA register data used with ATA command or PIO write
operations. Only registers selected in bmATACBRegisterSelect are required to
hold valid data when accessed. The registers are as follows:
ATACB Address Offset 0x05h (3F6h) - Device Control
ATACB Address Offset 0x06h (1F1h) - Features
ATACB Address Offset 0x07h (1F2h) - Sector Count
ATACB Address Offset 0x08h (1F3h) - Sector Number
ATACB Address Offset 0x09h (1F4h) - Cylinder Low
ATACB Address Offset 0x0Ah (1F5h) - Cylinder High
ATACB Address Offset 0x0Bh (1F6h) - Device
ATACB Address Offset 0x0Ch (1F7h) - Command
13-15
Reserved
These bytes must be set to 0x00h for ATACB commands.
Table 5-1. ATACB Field Descriptions
Byte
Field Name
Field Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com