Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  27291SL Datasheet HTML 1Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MRF5S4125NR1 MRF5S4125NBR1
3
RF Device Data
Freescale Semiconductor
Figure 1. MRF5S4125NR1(NBR1) Test Circuit Schematic
RF
INPUT
RF
OUTPUT
C1
VSUPPLY
VBIAS
Z7
Z9
DUT
Z6
Z4
Z8
L1
Z1
Z2
Z3
C5
B1
R1
R2
C6
B2
R3
Z5
C3
C2
L2
C4
Z10
C8
C7
L3
C13
Z11
Z12
Z13
Z16
Z14
Z17
C9
Z15
C14
C15
C16
+
C10
C11
Z18
Z19
Z20
Z21
Z22
C12
Z1
0.186″ x 0.084″ Microstrip
Z2
0.206″ x 0.084″ Microstrip
Z3
1.171″ x 0.084″ Microstrip
Z4
0.275″ x 0.084″ Microstrip
Z5
0.985″ x 0.084″ Microstrip
Z6, Z7
0.130″ x 0.084″ Microstrip
Z8
0.131″ x 0.084″ Microstrip
Z9
0.675″ x 0.504″ Microstrip
Z10
0.397″ x 0.656″ Microstrip
Z11
0.071″ x 0.084″ Microstrip
Z12
0.008″ x 0.084″ Microstrip
Z13
0.063″ x 0.084″ Microstrip
Z14
0.315″ x 0.084″ Microstrip
Z15
0.473″ x 0.084″ Microstrip
Z16
0.522″ x 0.084″ Microstrip
Z17
0.448″ x 0.084″ Microstrip
Z18
0.628″ x 0.084″ Microstrip
Z19
0.291″ x 0.084″ Microstrip
Z20
0.318″ x 0.084″ Microstrip
Z21
0.202″ x 0.084″ Microstrip
Z22
0.190″ x 0.084″ Microstrip
PCB
Arlon AD250, 0.030″, εr = 2.5
Table 6. MRF5S4125NR1(NBR1) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1, B2
Ferrite Beads, Short
2743019447
Fair-Rite
C1, C6, C12, C13
120 pF Chip Capacitors
ATC600B121BT250XT
ATC
C2, C10
0.8-8.0 pF, Variable Capacitors, Gigatrim
27291SL
Johanson
C3, C9
20 pF Chip Capacitors
ATC600B200BT250XT
ATC
C4
8.2 pF Chip Capacitor
ATC600B8R2BT250XT
ATC
C5, C14, C15
10 μF, 50 V Chip Capacitors
GRM55DR61H106KA88L
Murata
C7
27 pF Chip Capacitor
ATC600B270BT250XT
ATC
C8
47 pF Chip Capacitor
ATC600B470BT250XT
ATC
C11
3.3 pF Chip Capacitor
ATC600B3R3BT250XT
ATC
C16
22 μF, 35 V Tantalum Capacitor
T491X226K035A5
Kemet
L1, L2
1.6 nH Inductors
0906-2
Coilcraft
L3
27 nH Inductor
1812SMS -27N_L
Coilcraft
R1
1000 Ω, 1/4 W Chip Resistor
CRCW12061001FKTA
Vishay
R2
10 kΩ, 1/4 W Chip Resistor
CRCW12061002FKTA
Vishay
R3
100 Ω, 1/4 W Chip Resistor
CRCW1206100RFKTA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com