Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  27291SL Datasheet HTML 1Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MRF5S4125NR1 MRF5S4125NBR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
500
420
IRL
Gps
ACPR
ALT1
f, FREQUENCY (MHz)
Figure 3. Single-Carrier N-CDMA Broadband Performance @ Pout = 25 Watts Avg.
−20
0
−10
−5
VDD = 28 Vdc, Pout = 25 W (Avg.)
IDQ = 1100 mA, Single−Carrier N−CDMA
480
460
440
17
25
−65
36
32
28
−45
−50
−55
−60
ηD
24
23
22
21
20
19
18
430
450
470
490
24
−15
500
420
IRL
Gps
ACPR
ALT1
f, FREQUENCY (MHz)
Figure 4. Single-Carrier N-CDMA Broadband Performance @ Pout = 58 Watts Avg.
−20
0
−5
−10
480
460
440
17
25
−60
52
48
44
−20
−30
−40
−50
ηD
24
23
22
21
20
19
18
430
450
470
490
40
−15
Figure 5. Two-Tone Power Gain versus
Output Power
100
18
25
1
IDQ = 1650 mA
1375 mA
24
23
21
10
300
Pout, OUTPUT POWER (WATTS) PEP
20
22
825 mA
550 mA
Figure 6. Third Order Intermodulation Distortion
versus Output Power
−10
1
100
−20
−30
−40
300
−50
10
Pout, OUTPUT POWER (WATTS) PEP
IDQ = 550 mA
1100 mA
825 mA
562.5 mA
1.2288 MHz Channel Bandwidth
PAR = 9.8 dB @ 0.01% Probability (CCDF)
19
200
VDD = 28 Vdc
f1 = 465 MHz, f2 = 467.5 MHz
Two −Tone Measurements, 2.5 MHz Tone Spacing
1100 mA
200
VDD = 28 Vdc
f1 = 465 MHz, f2 = 467.5 MHz
Two −Tone Measurements, 2.5 MHz Tone Spacing
1375 mA
VDD = 28 Vdc, Pout = 58 W (Avg.)
IDQ = 1100 mA, Single−Carrier N−CDMA
1.2288 MHz, Channel Bandwidth
PAR = 9.8 dB @ 0.01% Probability (CCDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com