Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
RF Device Data
Freescale Semiconductor
MRF5S4125NR1 MRF5S4125NBR1
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
−70
−10
1
100
−40
−50
10
−30
−20
7th Order
5th Order
3rd Order
Figure 8. Intermodulation Distortion Products
versus Tone Spacing
10
TWO −TONE SPACING (MHz)
IM7 −L
−30
−40
−50
1
100
Figure 9. Pulsed CW Output Power versus
Input Power
36
59
25
Pin, INPUT POWER (dBm)
56
54
52
26
28
27
30
29
33
31
Actual
Ideal
P1dB = 51.16 dBm (130.62 W)
57
53
55
32
34
24
P6dB = 52.98 dBm (198.6 W)
Figure 10. Single-Carrier N-CDMA ACPR, ALT1, Power
Gain and Drain Efficiency versus Output Power
0−75
Pout, OUTPUT POWER (WATTS) AVG.
50
−25
25
−35
20
−40
15
−55
5
−70
110
−60
10
ηD
Gps
TC = −30_C
ACPR
50
P3dB = 52.26 dBm (168.27 W)
300
IM7 −U
IM5 −L
IM5 −U
IM3 −L
IM3 −U
−20
−10
35
51
30
35
40
45
−65
−50
−45
−30
25
_C
85
_C
VDD = 28 Vdc, IDQ = 1100 mA, f = 465 MHz
Single −Carrier N−CDMA
1.2288 MHz Channel Bandwidth, PAR = 9.8 dB
@ 0.01% Probability (CCDF)
49
−30
_C
−60
200
VDD = 28 Vdc
f1 = 465 MHz, f2 = 467.5 MHz
Two −Tone Measurements, 2.5 MHz Tone Spacing
−60
58
ALT1
85
_C
25
_C
−30
_C
85
_C
25
_C
VDD = 28 Vdc, Pout = 120 W (PEP)
IDQ = 1100 mA, Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 465 MHz
60
VDD = 28 Vdc, IDQ = 1100 mA
CW
f = 465 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com