Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 10Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MRF5S4125NR1 MRF5S4125NBR1
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
This above graph displays calculated MTTF in hours when the device
is operated at VDD = 28 Vdc, Pout = 25 W Avg., and ηD = 30.2%.
MTTF calculator available at http:/www.freescale.com/rf. Select
Tools/Software/Application Software/Calculators to access the MTTF
calculators by product.
100
17
1
0
90
Pout, OUTPUT POWER (WATTS) CW
Figure 11. Power Gain and Drain Efficiency
versus CW Output Power
VDD = 28 Vdc
IDQ = 1100 mA
f = 465 MHz
TC = −30_C
25
_C
10
26
25
24
23
22
80
70
60
50
40
Gps
ηD
19
300
85
_C
−30
_C
85
_C
21
20
18
30
20
10
25
_C
Figure 12. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
20
24
0
250
22
50
100
23
VDD = 24 V
28 V
32 V
IDQ = 1100 mA
f = 465 MHz
21
150
200
250
109
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 13. MTTF versus Junction Temperature
108
107
105
110
130
150
170
190
210
230
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com