Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W144HT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W144HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W144HT Datasheet(HTML) 5 Page - Cypress Semiconductor

  W144HT Datasheet HTML 1Page - Cypress Semiconductor W144HT Datasheet HTML 2Page - Cypress Semiconductor W144HT Datasheet HTML 3Page - Cypress Semiconductor W144HT Datasheet HTML 4Page - Cypress Semiconductor W144HT Datasheet HTML 5Page - Cypress Semiconductor W144HT Datasheet HTML 6Page - Cypress Semiconductor W144HT Datasheet HTML 7Page - Cypress Semiconductor W144HT Datasheet HTML 8Page - Cypress Semiconductor W144HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
W144
Document #: 38-07153 Rev. *B
Page 5 of 14
Serial Data Interface
The W144 features a two-pin, serial data interface that can be
used to configure internal register settings that control
particular device functions. Upon power-up, the W144
initializes with default register settings, therefore the use of this
serial data interface is optional. The serial interface is
write-only (to the clock chip) and is the dedicated function of
device pins SDATA and SCLOCK. In motherboard applica-
tions, SDATA and SCLOCK are typically driven by two logic
outputs of the chipset. Clock device register changes are
normally made upon system initialization, if any are required.
The interface can also be used during system operation for
power management functions. Table 3 summarizes the control
functions of the serial data interface.
Operation
Data is written to the W144 in eleven bytes of eight bits each.
Bytes are written in the order shown in Table 4.
Table 3. Serial Data Interface Control Functions Summary
Control Function
Description
Common Application
Clock Output Disable
Any individual clock output(s) can be disabled.
Disabled outputs are actively held LOW.
Unused outputs are disabled to reduce EMI
and system power. Examples are clock outputs
to unused PCI slots.
CPU Clock Frequency
Selection
Provides CPU/PCI frequency selections through
software. Frequency is changed in a smooth and
controlled fashion.
For alternate microprocessors and power
management options. Smooth frequency
transition allows CPU frequency change under
normal system operation.
Spread Spectrum
Enabling
Enables or disables spread spectrum clocking.
For EMI reduction.
Output Three-state
Puts clock output into a high-impedance state.
Production PCB testing.
(Reserved)
Reserved function for future device revision or
production device testing.
No user application. Register bit must be
written as 0.
Table 4. Byte Writing Sequence
Byte
Sequence
Byte Name
Bit Sequence
Byte Description
1
Slave Address
11010010
Commands the W144 to accept the bits in Data Bytes 0–6 for internal
register configuration. Since other devices may exist on the same
common serial data bus, it is necessary to have a specific slave address
for each potential receiver. The slave receiver address for the W144 is
11010010. Register setting will not be made if the Slave Address is not
correct (or is for an alternate slave receiver).
2
Command Code
Don’t Care
Unused by the W144, therefore bit values are ignored (“don’t care”). This
byte must be included in the data write sequence to maintain proper byte
allocation. The Command Code Byte is part of the standard serial
communication protocol and may be used when writing to another
addressed slave receiver on the serial data bus.
3
Byte Count
Don’t Care
Unused by the W144, therefore bit values are ignored (“don’t care”). This
byte must be included in the data write sequence to maintain proper byte
allocation. The Byte Count Byte is part of the standard serial communi-
cation protocol and may be used when writing to another addressed slave
receiver on the serial data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com