Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W144HT Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # W144HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W144HT Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button W144HT Datasheet HTML 6Page - Cypress Semiconductor W144HT Datasheet HTML 7Page - Cypress Semiconductor W144HT Datasheet HTML 8Page - Cypress Semiconductor W144HT Datasheet HTML 9Page - Cypress Semiconductor W144HT Datasheet HTML 10Page - Cypress Semiconductor W144HT Datasheet HTML 11Page - Cypress Semiconductor W144HT Datasheet HTML 12Page - Cypress Semiconductor W144HT Datasheet HTML 13Page - Cypress Semiconductor W144HT Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
W144
Document #: 38-07153 Rev. *B
Page 14 of 14
Document History PageDocument History Page
Document Title: W144 440BX AGPset Spread Spectrum Frequency Synthesizer
Document Number: 38-07153
REV.
ECN No.
Issue Date
Orig. of
Change
Description of Change
**
110263
12/15/01
SZV
Change from Spec number: 38-00791 to 38-07153
*A
122800
12/14/02
RBI
Added Power-up Requirements to Operating Conditions information
*B
131400
01/20/04
RGL/TUJ
Changed the frequency of FS(3:0), 1111 address(CPU_F,CPU1) from 133.3
MHz to 133.6 MHz, (PCI_F) from 33.3 MHz to 33.4 MHz in the
pin-selectable Frequency table and in Additional Frequency Selection
tables respectively.
Changed the frequency of FS(3:0), 0111 address(CPU_F,CPU1) from 100
MHz to 100.2 MHz, (PCI_F) from 33.3 MHz to 33.4 MHz in the Pin selectable
Frequency table and in Additional Frequency Selection tables respectively.
Changed the min. tP (period) parameter for 100.2 MHz frequency from 10.0
ns to 9.98 ns in the CPU Clock Outputs table.
hanged the min. tP (period) parameter for 100.2 MHz frequency from 30 ns
to 29.9 ns in the PCI Clock Outputs table.
Removed “PRELIMINARY”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com