Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP113F Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
IP113F
Preliminary Data Sheet
Remote monitor
Refer to the diagram below, users can instruct central IP113F, on the right, to issue a status request frame
to get status defined in TS-1000 by programming MII register 24. The terminal IP113F, on the left,
receives the status request frame and sends out its current status as a response frame onto the fiber port
when it is available. The central IP113F receives the status frame and stores the status of terminal IP113F
to its MII register 23. An acknowledge maintenance frame is store to MII register 26~30. The status of
terminal IP113F is shown on the LEDs of central IP113F.
IP113F
(terminal)
IP113F
(central)
TP
TP
Maintenance frame
(C1=1, C2-3=10, C8-15=01000000)
Maintenance frame
(C1=0, C2-3=11, C8-15=01000000)
(1)
(2)
MDC, MDIO
(MII reg 24, 23)
FX
Remote control read
Users can instruct central IP113F to issue a remote control read frame to read the MII register of terminal
IP113F by programming MII register 24. The bits [11:7] of the register 24 are filled with the address of
register and bits [6:4] of the register 24 are filled with “011”. The terminal IP113F receives the frame and
sends out the content of the MII register to central IP113F when it is available. The central IP113F
receives the frame and stores the data to MII register 27. An acknowledge maintenance frame is stored to
MII register 26~30. The status of terminal IP113F is shown on LED of central IP113F.
IP113F
(terminal)
IP113F
(central)
TP
TP
Maintenance frame
(C1=1, C2-3=10, C8-15=110xxxxx)
MDC, MDIO
(MII reg 24,27)
Maintenance frame
(C1=0, C2-3=11, C8-15=01000000)
FX
Remote control write
Users can instruct central IP113F to issue a configure frame to write the MII register of terminal IP113F by
programming MII register 24 and 25. The bits [11:7] of the register 24 are filled with the address of register
and bits [6:4] of the register 24 are filled with “111”. MII register 25 defines the data. The terminal IP113F
receives the configure frame, configures itself according to the content of the frame and sends out its
current status as a response frame onto the fiber port when it is available. The status of terminal IP113F is
shown on LED of central IP113F.
IP113F
(terminal)
IP113F
(central)
TP
TP
Maintenance frame
(C1=1, C2-3=10, C8-15=111xxxxx)
MDC, MDIO
(MII reg 24,25)
Maintenance frame
(C1=0, C2-3=11, C8-15=01000000)
FX
Confidential.
14/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com