Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP113F Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 18Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 20Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 21Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
IP113F
Preliminary Data Sheet
Remote monitor without SMI programming
Auto sends (Status change notice)
IP113F sends out status frame without receiving status request frame if pin AUTO_SEND is pulled high. It
sends out the first status frame onto the fiber port when the link status of fiber port has established. It
sends out status frames when the status on TP port has changed. IP113F supports two types of frame.
For a TS-1000 maintenance frame, C[9:8] is 2’b10 and S[15:0] is defined as that in TS-1000 standard. For
an ICplus maintenance frame, C[9:8] is 2’b11 and S[15:0] is the content of MII register 22. It carries ICplus
private defined information. User can select the frame type by programming MII register 20.10. Central
IP113F uses the mechanism to get the status of the remote IP113F even if there is no SMI programming.
Option A
Central IP113F sends indication frames to terminal IP113F if its status is changed.
IP113F
(terminal)
IP113F
(central)
FX
TP
TP
Maintenance frame
(C1=1, C2-3=01, C8-9= 01)
status changed !!
Option B
Terminal IP113F sends indication frames to central IP113F if its status is changed.
IP113F
(terminal)
IP113F
(central)
FX
TP
TP
Maintenance frame
(C1=0, C2-3=01, C8-9= 01)
status changed !!
CRC polynomial for maintenance frame: X8 + X2 + X + 1
X0
X1
X2
X3
X4
X5
X6
X7
data in
CRC + data
CRC calculation
Confidential.
18/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com