Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP113F Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 21Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 22Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 23Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 24Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 25Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 26Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 27Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 28Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
IP113F
Preliminary Data Sheet
The basic MII registers
Type
Description
Type
Description
R/W
Read/Write
RC
Read and Clear
SC
Self-Clearing
LL
Latching Low
RO
Read Only
LH
Latching High
Pin(1)
The default value is “1” and it depends
on the setting of its corresponding pin.
Pin(0)
The default value is “0” and it depends
on the setting of its corresponding pin.
MII
NAME
R/W
DESCRIPTION
DEFAULT
MII control register (address 00h)
0.15
Reset
R/W
SC
1 = PHY reset
0 = normal operation
This bit is self-clearing, IP113F will return a value of
1 before reset process is completed, and will not
accept any write transaction of MII Management
within
reset
process.
Make
any
change
to
Auto-Negotiation or speed mode will cause IP113F
reset again.
0
0.14
Loopback
R/W
1 = Loopback mode
0 = normal operation
When this bit is set, IP113F will be isolated from the
network media, and the assertion of TXEN at the
MII will not transmit data on the network. All MII
transmit data path will return to MII receive data
path in response to the assertion of TXEN. MII COL
signal will remain de-asserted at all times, unless bit
0.7 (Collision Test) is set. Use has to wait about
100ms for loop back path ready.
0
0.13
Speed Selection
RW
1 = 100Mbps
0 = 10Mbps
It is valid only if bit 0.12 is set to be 0.
Pin(1)
0.12
Auto-Negotiation
Enable
RW
1 = Auto-Negotiation Enable
0 = Auto-Negotiation Disable
MII
register
16.11
auto-MDI/MDIX
should
be
disabled if auto-negotiation is disabled.
1
0.11
Power Down
R/W
1 = power down
0 = normal operation
Setting this bit to 1 will cause IP113F into power down
mode, but still respond to management transactions.
0
0.10
Isolate
R/W
1 = electrically isolate PHY from MII
0 = normal operation
When this bit is setting to 1, IP113F will be isolated
from RMII, and not respond to the TXD[3:0] and
TXEN and keep CRS, RXDV and RXD[3:0] in high
impedance,
but
will
respond
to
management
transactions.
If PHY address of IP113F is setting to 0 at power-on
reset, this bit will be set to 1, otherwise will be set to 0.
0
Confidential.
25/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com