Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP113F Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 34Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 35Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 36Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
IP113F
Preliminary Data Sheet
Extended MII registers and EEPROM registers (continued)
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Switch configuration register 1 (MII register 20D, EEPROM register 02~03D)
20.0
2.0
mg_crossover_en
R/W
Select TP to be MDIX or MDI. It is valid only
if MII register16.11 is disabled.
0: MDI
1: MDIX
0
20.1
2.1
direct_wire
R/W
Please see pin description of DIRECT_WIRE
for more detail information.
Pin (0)
20.2
2.2
fast_fwd
R/W
Please see pin description of FAST_FWD for
more detail information.
Pin (0)
20.3
2.3
mg_pass_fragment
_
en
R/W
Pass fragment packet (>7B and <64B)
1: pass fragment
0: not pass fragment
0
20.4
2.4
mg_col16_drop_en
R/W
Collision 16 times drop enable
1: drop
0: not drop
0
20.5
2.5
mg_col_backoff
_en
R/W
Collision back-off enable
1: back after collision
0: not back off after collision
1
20.6
2.6
reserved
R/W
It must be 0.
0
20.7
2.7
p01_mg_backpress
_en
R/W
TP port backpressure control enable for half
duplex
1: backpressure enable
0: backpressure disable
1
20.8
3.0
mg_rem_ctrl_en
R/W
Remote control enable (TX/RX. ability for
maintenance frame)
1: ability enable
0: ability disable
1
20.9
3.1
mg_auto_tx_mf_en
R/W
Auto send status frame to remote partner
enable (AUTO_SEND)
1: auto send indication maintenance frame
0: disable auto send
Pin (0)
20.10
3.2
mg_auto_tx_ttc
_content
R/W
The content of auto send status frame
1: TTC (TS-1000)
The frame format is defined in TS-1000.
0: ICPLUS
The frame format is similar to the one
defined in TS-1000 except the bit definition
of S[15:0]. S[15:0] is the content of MII
register 22[15:0]. Local IP113F uses the
frame to indicate its status to the remote
IP113F. The remote IP113F receives the
frame and stores the information to the MII
register 23.
1
20.11
3.3
mg_sd_off_way
R/W
Informing way for optical receiving SD off
1: far end fault pattern
0: maintenance frame
1
Confidential.
38/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com