Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT646TS0 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT646TS0
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT646TS0 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT646TS0 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 7Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT646T/AT/CT
FASTCMOSOCTALTRANSCEIVER/REGISTER(3-STATE)
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
—
—
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
—
—
0.8
V
IIH
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
—
—
±1µA
IIL
Input LOW Current(4)
VCC = Max.
VI = 0.5V
—
—
±1µA
IOZH
High Impedance Output Current
VCC = Max
VO = 2.7V
—
—
±1µA
IOZL
(3-State output pins)(4)
VO = 0.5V
—
—
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
—
—
±1µA
VIK
ClampDiodeVoltage
VCC = Min, IIN = -18mA
—
–0.7
–1.2
V
VH
Input Hysteresis
—
—
200
—
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
—
0.01
1
µA
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%; Military: TA = –55°C to +125°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. The test limit for this parameter is ±5µA at TA = –55°C.
5. This parameter is guaranteed but not tested.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min
IOH = –6mA MIL
2.4
3.3
—
VIN = VIH or VIL
IOH = –8mA IND
V
IOH = –12mA MIL
2
3
—
IOH = –15mA IND
VOL
Output LOWVoltage
VCC = Min
IOL = 48mA MIL
—
0.3
0.55
V
VIN = VIH or VIL
IOL = 64mA IND
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
–225
mA
IOFF
Input/Output Power Off Leakage(5)
VCC = 0V, VIN or VO
≤≤≤≤≤ 4.5V
—
—
±1µA
OUTPUT DRIVE CHARACTERISTICS
NOTES:
1. H = HIGH
L = LOW
X = Don't Care
↑ = LOW-to-HIGH transition.
Select control = L: clocks can occur simultaneously.
Select control = H: clocks must be staggered in order to load both registers.
2. The data output functions may be enabled or disabled by various signals at the GAB or GBA inputs. Data input functions are always enabled, i.e. data at the bus pins will be
stored on every LOW-to-HIGH transition on the clock inputs.
3. A in B Register.
4. B in A Register.
FUNCTION TABLE(1)
Inputs
DataI/O(2)
G
DIR
CPAB
CPBA
SAB
SBA
A1 - A8
B1 - B8
Operation or Function
H
X
H or L
H or L
X
X
Input
Input
Isolation
HX
↑↑
X
X
Store A and B Data
L
L
X
X
X
L
Output
Input
Real-Time B Data to A Bus
L
L
X
H or L
X
H
Stored B Data to A Bus
L
H
X
X
L
X
Input
Output
Real-Time A Data to B Bus
L
H
H or L
X
H
X
Stored A Data to B Bus



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com