Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT646TS0 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT646TS0
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT646TS0 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT646TS0 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 7Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT646T/AT/CT
FASTCMOSOCTALTRANSCEIVER/REGISTER(3-STATE)
1
JUNE 2002
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2002 Integrated Device Technology, Inc.
DSC-5505/3
FEATURES:
• Std., A, and C grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 64mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Military product compliant to MIL-STD-883, Class B and DESC
listed (dual marked)
• Power off disable outputs permit "live insertion"
• Available in the following packages:
– Industrial: SOIC, SSOP, QSOP, TSSOP
– Military: CERDIP, LCC
FUNCTIONAL BLOCK DIAGRAM
IDT54/74FCT646T/AT/CT
FAST CMOS OCTAL
TRANSCEIVER/
REGISTER (3-STATE)
DESCRIPTION:
The FCT646T consists of a bus transceiver with 3-state D-type flip-flops
and control circuitry arranged for multiplexed transmission of data directly
from the data bus or from the internal storage registers. The FCT646T
utilizes the enable control (G) and direction (DIR) pins to control the
transceiver functions.
SABandSBAcontrolpinsareprovidedtoselecteitherreal-timeorstored
data transfer. The circuitry used for select control will eliminate the typical
decoding glitch that occurs in a multiplexer during the transition between
stored and real-time data. A low input level selects real-time data and a high
selects stored data.
Data on the A or B data bus, or both, can be stored in the internal D flip-
flops by low-to-high transitions at the appropriate clock pins (CPAB or
CPBA), regardless of the select or enable control pins.
A1
G
DIR
CPB A
SBA
CPA B
SAB
O NE OF EIG HT CHANNELS
B REG
A REG
B1
1D
C1
C1
1D
TO SEVE N O THER CHANN ELS


Similar Part No. - IDT74FCT646TS0

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT646TSO IDT-IDT74FCT646TSO Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT646TSOB IDT-IDT74FCT646TSOB Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
More results

Similar Description - IDT74FCT646TS0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
Octal transceiver/register, inverting 3-State
1998 Jun 08
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
18-Aug-1998
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
FAST CMOS OCTAL TRANSCEIVER/REGISTER
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Integrated Device Techn...
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
FAST CMOS OCTAL D REGISTER (3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com