Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT646TS0 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT646TS0
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT646TS0 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT646TS0 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 7Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT646T/AT/CT
FASTCMOSOCTALTRANSCEIVER/REGISTER(3-STATE)
5
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
—
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
—
0.15
0.25
mA/
Current(4)
Outputs Open
VIN = GND
MHz
G = DIR = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
—
1.5
3.5
mA
Outputs Open
VIN = GND
fCP = 10MHz
50% Duty Cycle
G = DIR = GND
VIN = 3.4V
—
2
5.5
One Bit Toggling
VIN = GND
at fi = 5MHz
VCC = Max.
VIN = VCC
—
3.8
7.3(5)
Outputs Open
VIN = GND
fCP = 10MHz
50% Duty Cycle
G = DIR = GND
VIN = 3.4V
—
6
16.3(5)
Eight Bits Toggling
VIN = GND
at fi = 2.5MHz
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input; (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of
∆ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2+ fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Output Frequency
Ni = Number of Outputs at fi
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com