Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT646TS0 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT646TS0
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT646TS0 Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT646TS0 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 7Page - Integrated Device Technology IDT74FCT646TS0 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
6
IDT54/74FCT646T/AT/CT
FASTCMOSOCTALTRANSCEIVER/REGISTER(3-STATE)
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
54FCT646T
54/74FCT646AT
54/74FCT646CT
Mil.
Ind.
Mil.
Ind.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2) Max.
Min.(2) Max. Min.(2) Max. Unit
tPLH
PropagationDelay,
CL = 50pF
2
11
2
6.3
2
7.7
1.5
5.4
1.5
6
ns
tPHL
Bus to Bus
RL = 500
Ω
tPZH
OutputEnableTime,
2
15
2
9.8
2
10.5
1.5
7.8
1.5
8.9
ns
tPZL
G, DIR to Bus
tPHZ
OutputDisableTime,
2
11
2
6.3
2
7.7
1.5
6.3
1.5
7.7
ns
tPLZ
G, DIR to Bus
tPLH
PropagationDelay,
2
10
2
6.3
2
7
1.5
5.7
1.5
6.3
ns
tPHL
Clock to Bus
tPLH
PropagationDelay,
2
12
2
7.7
2
8.4
1.5
6.2
1.5
7
ns
tPHL
SBA or SAB to Bus
tSU
Set-up Time HIGH or LOW,
4.5
—
2
—
2
—
2
—
2
—
ns
Bus to Clock
tH
Hold Time HIGH or LOW,
2
—
1.5
—
1.5
—
1.5
—
1.5
—
ns
Bus to Clock
tW
Clock Pulse Width,
6
—
5
—
5
—
5
—
5
—
ns
HIGH or LOW
SWITCHING CHARACTERISTICS OVER OPERATING RANGE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com