Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A32AMLHAAMB Datasheet(PDF) 7 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 3Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 4Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 5Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 6Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 7Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 8Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 9Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 10Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 247 page
background image
4 Device Comparison
Table 4-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig tool should
be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
search for the AM62Ax Software Build Sheet located in the Downloads tab option provided at
Processor-SDK-AM62Ax.
Table 4-1. Device Comparison
FEATURES
REFERENCE
NAME
AM62A7, AM62A7-Q1
AM62A3, AM62A3-Q1
AM62A1-Q1
AM62A74
AM62A72
AM62A34
AM62A32
AM62A31
AM62A14
AM62A12
WKUP_CTRL_MMR_CFG0_JTAG_USER_ID[31:13] (1)
Register bit values by device "Features" code (See Nomenclature Description table for more information on device features)
L:
–
0x253AC
0x251EC
0x251AC
0x2518C
–
–
M:
0x253ED
0x253AD
0x251ED
0x251AD
–
0x250ED
0x250AD
PROCESSORS AND ACCELERATORS
Speed Grades
See Table 6-1, Device Speed Grades
Arm Cortex-A53
Microprocessor Subsystem
Arm A53
Quad Core
Dual Core
Quad Core
Dual Core
Single Core
Quad Core
Dual Core
Arm Cortex-R5F in MCU domain
MCU_R5F
Single Core
Functional Safety Optional(4)
C7xV-256 Deep Learning
Accelerator
C7x MMA
Up to 2 TOPS
Up to 1 TOPS
No
(0 TOPS)
Vision Processing Accelerators
VPAC
Up to 5MP @ 60 fps
Video Encoder / Decoder
VENC/VDEC
Yes
Motion JPEG Encoder
MJPEG
Yes
Device Management Subsystem
WKUP_R5F
Single Core
Hardware Security Module
HSM
Yes
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in
MAIN Domain
OCSRAM
64KB
On-Chip Shared Memory (RAM) in
MCU Domain
MCU_MSRAM
512KB
LPDDR4 DDR Subsystem
DDRSS
32-bit data with inline ECC up to 8GB
General-Purpose Memory
Controller
GPMC
Up to 128MB with ECC
PERIPHERALS
Display Subsystem(2)
DSS
1x DPI (Optional)
Modular Controller Area Network
Interface
MCAN
3
Full CAN-FD Support
CAN-FD
Yes
General-Purpose I/O
GPIO
Up to 168
Inter-Integrated Circuit Interface
I2C
6
Multichannel Audio Serial Port
MCASP
3
Multichannel Serial Peripheral
Interface
MCSPI
5
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com