Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A32AMLHAAMB Datasheet(PDF) 83 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 83 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 79Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 80Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 81Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 82Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 83Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 84Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 85Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 86Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 247 page
background image
Table 6-2. Device Operating Performance Points
OPP
A53SS(1)
C7x
FIXED OPERATING FREQUENCY OPTIONS (MHz)(2)
MT/s(3)
MAIN
SYSCLK
MCU
R5F
/
SYSCLK
DEVICE
MANAGER
R5F
/
CLK
HSM
VPAC
VENC
/
VDEC
MJPEG
LPDDR4
 
High
 
From
ARM0
PLL
Bypass
to
Speed
Grade
Maximum
From
C7x
PLL
Bypass
to
Speed
Grade
Maximum
500
800
/
400
800
/
400
400
187.5,
or
375
400,
200,
or
100
250
From
DDR
PLL
Bypass(4)
to
Speed
Grade
Maximum
Low
250
400
/
200
400
/
133
133
(1)
Default operating frequency, set by software at boot. Supports Dynamic Frequency Scaling after boot.
(2)
Fixed operating frequency, set by software at boot.
(3)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
Refer to DDR Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR frequency.
(4)
The DDR PLL output, which sources DDR0_CK0 and DDR0_CK0_n, is typically defined in units of frequency. So the "DDR PLL
Bypass" transaction rate is equal to 2x the DDR PLL output frequency when operating in bypass mode.
6.7 Power Consumption Summary
For information on the device power consumption, see the AM62Ax Power Estimation Tool application note.
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com