Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F15213 Datasheet HTML 1Page - Microchip Technology PIC16F15213 Datasheet HTML 2Page - Microchip Technology PIC16F15213 Datasheet HTML 3Page - Microchip Technology PIC16F15213 Datasheet HTML 4Page - Microchip Technology PIC16F15213 Datasheet HTML 5Page - Microchip Technology PIC16F15213 Datasheet HTML 6Page - Microchip Technology PIC16F15213 Datasheet HTML 7Page - Microchip Technology PIC16F15213 Datasheet HTML 8Page - Microchip Technology PIC16F15213 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 408 page
background image
– Storage Area Flash (SAF) Block
• Programmable Code Protection and Write Protection
• Device Information Area (DIA) Stores:
– Fixed Voltage Reference (FVR) measurement data
– Microchip unique identifier
• Device Characteristics Area (DCI) Stores:
– Program/erase row sizes
– Pin count details
• Direct, Indirect, and Relative Addressing Modes
Operating Characteristics
• Operating Voltage Range:
– 1.8V to 5.5V
• Temperature Range:
– Industrial: -40°C to 85°C
– Extended: -40°C to 125°C
Power-Saving Functionality
• Sleep:
– Reduce device power consumption
– Reduce system electrical noise while performing ADC conversions
• Low-Power Mode Features:
– Sleep:
• < 900 nA typical @ 3V/25°C (WDT enabled)
• < 600 nA typical @ 3V/25°C (WDT disabled)
– Operating Current:
• 48 µA typical @ 32 kHz, 3V/25°C
• < 1 mA typical @ 4 MHz, 5V/25°C
Digital Peripherals
• Two Capture/Compare/PWM (CCP) modules:
– 16-bit resolution for Capture/Compare modes
– 10-bit resolution for PWM mode
• Two Pulse-Width Modulators (PWM):
– 10-bit resolution
– Independent pulse outputs
• One Configurable 8/16-Bit Timer (TMR0)
• One 16-Bit Timer (TMR1) with Gate Control
• One 8-Bit Timer (TMR2) with Hardware Limit Timer (HLT)
• One Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART):
– RS-232, RS-485, LIN compatible
– Auto-wake-up on Start
• One Master Synchronous Serial Port (MSSP):
– Serial Peripheral Interface (SPI) mode
• Slave Select Synchronization
– Inter-Integrated Circuit (I2C) mode
PIC16F15225/45
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com