Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 90Page - Microchip Technology PIC16F15213 Datasheet HTML 91Page - Microchip Technology PIC16F15213 Datasheet HTML 92Page - Microchip Technology PIC16F15213 Datasheet HTML 93Page - Microchip Technology PIC16F15213 Datasheet HTML 94Page - Microchip Technology PIC16F15213 Datasheet HTML 95Page - Microchip Technology PIC16F15213 Datasheet HTML 96Page - Microchip Technology PIC16F15213 Datasheet HTML 97Page - Microchip Technology PIC16F15213 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 408 page
background image
12.9.7
PIR2
Name: 
PIR2
Offset: 
0x70E
Peripheral Interrupt Request Register 2
Bit
7
6
5
4
3
2
1
0
CCP2IF
NVMIF
TMR1GIF
Access
R/W/HS
R/W/HS
R/W/HS
Reset
0
0
0
Bit 7 – CCP2IF CCP2 Interrupt Flag
Value
CCP Mode
Capture
Compare
PWM
1
Capture occurred (must be
cleared in software)
Compare match occurred (must be
cleared in software)
Output trailing edge occurred (must
be cleared in software)
0
Capture did not occur
Compare match did not occur
Output trailing edge did not occur
Bit 6 – NVMIF Nonvolatile Memory (NVM) Interrupt Flag
Value
Description
1
The requested NVM operation has completed (must be cleared in software)
0
Interrupt event has not occurred
Bit 5 – TMR1GIF TMR1 Gate Interrupt Flag
Value
Description
1
The TMR1 Gate has gone inactive (must be cleared in software)
0
TMR1 Gate is active
Note:  Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding
enable bit or the Global Enable (GIE) bit. User software should ensure the appropriate interrupt flag bits are cleared
before enabling an interrupt.
PIC16F15225/45
Interrupts
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com