Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FF321A Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25FF321A Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button AT25FF321A Datasheet HTML 35Page - Renesas Technology Corp AT25FF321A Datasheet HTML 36Page - Renesas Technology Corp AT25FF321A Datasheet HTML 37Page - Renesas Technology Corp AT25FF321A Datasheet HTML 38Page - Renesas Technology Corp AT25FF321A Datasheet HTML 39Page - Renesas Technology Corp AT25FF321A Datasheet HTML 40Page - Renesas Technology Corp AT25FF321A Datasheet HTML 41Page - Renesas Technology Corp AT25FF321A Datasheet HTML 42Page - Renesas Technology Corp AT25FF321A Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
DS-AT25FF321A-181 Rev. R
Page 39
2024-12-20
© 2024 Renesas Electronics
AT25FF321A Datasheet
Table 12 shows the operation of the SRP[1:0] volatile Status register bits during normal operation.
0SRP1
Status Register
Protect 1
R/W
0
The SRP1 bit works in conjunction with the SRP0 bit in Status
Register 0 and the WP pin to control write protection. Types of
protection include software protection, hardware protection, one-time
programmable (OTP) protection, and reset lock-down protection. See
Table 12 for an encoding of these bits.
Table 12. Status Register During Normal Operation
SRP1
SRP0
SRLOCK
WP
Type of Protection
Description
00
x
x
Software Protected
(protection is controlled by the
CMPRT, BPSIZE, TB, BP[2:0], or
WPS bits
When both the SRP0 and SRP1 bits are 0, the Status
registers can be written by executing a Write Status
Register command (01h, 31h, 11h, 71h) and setting the
WEL bit of this register. Note that the WP pin has no
meaning during this type of operation.
01
x
0
Hardware protected
(protection is controlled by the WP
pin)
When the SRP[1:0] bits are 0, 1 respectively, and the
WP pin is low, the registers are hardware protected and
cannot be written to.
01
x
1
Hardware Unprotected
(protection is controlled by the
CMPRT, BPSIZE, TB, BP[2:0], or
WPS bits
When the SRP[1:0] bits are 0, 1 respectively, and the
WP pin is high, the registers are not hardware
protected and can be written to by executing a Write
Status Register command (01h, 31h, 11h, 71h) and
setting the WEL bit of this register.
1
0
x
x
Hardware Protected
When the SRP[1:0] bits are 1, 0 respectively, the Status
registers are write protected and cannot be written until
the device is reset (caused by a power-cycle, hardware
reset, or software reset). After reset, hardware changes
the state of the SRP[1:0] bits as shown in Table 12.
1
1
0
x
Reset Lockdown
When the SRP[1:0] bits are 1,1 respectively, and the
SRLOCK bit is 0, the Status registers are write
protected and cannot be written until the device is reset
(caused by a power-cycle, hardware reset or software
reset). After reset, hardware changes the state of
SRP[1:0] bits as shown in Table 12.
11
0
x
OTP
When the SRP[1:0] bits are 1,1 respectively, and the
SRLOCK bit is 1, the Status registers are permanently
write protected.
Table 11. Status Register 2 Format (continued)
Bit #
Acronym
Name
Type
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com