Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FF321A Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25FF321A Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button AT25FF321A Datasheet HTML 85Page - Renesas Technology Corp AT25FF321A Datasheet HTML 86Page - Renesas Technology Corp AT25FF321A Datasheet HTML 87Page - Renesas Technology Corp AT25FF321A Datasheet HTML 88Page - Renesas Technology Corp AT25FF321A Datasheet HTML 89Page - Renesas Technology Corp AT25FF321A Datasheet HTML 90Page - Renesas Technology Corp AT25FF321A Datasheet HTML 91Page - Renesas Technology Corp AT25FF321A Datasheet HTML 92Page - Renesas Technology Corp AT25FF321A Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
DS-AT25FF321A-181 Rev. R
Page 89
2024-12-20
© 2024 Renesas Electronics
AT25FF321A Datasheet
6.31 Ultra-Deep Power-Down (79h)
The Ultra-Deep Power-Down (UDPD) mode allows the device to further reduce energy consumption compared to
Deep Power-Down mode by shutting down additional internal circuitry. The UDPD mode can be entered by either
executing the 79h command, or by executing the B9h command with bit 7 (PDM) of Status Register 4 cleared.
When the device is in the Ultra-Deep Power-Down mode, all commands except the ABh command are ignored.
Execution of the ABh command allows the device to exit from Ultra-Deep Power-Down mode. Execution of this
command while in Ultra-Deep Power-Down causes the device to initialize, and then enters standby mode.
6.31.1
Transfer Format
The 79h command follows the 1-0-0 transfer format described in Section 4.2, where the command is transferred
on the SI pin. No address or data are transferred for this command (see Figure 3).
6.31.2
Transfer Sequence
To perform the Ultra-Deep Power-Down operation, the CS pin is asserted and the information transferred as
follows:
▪ The 79h command is clocked into the device. Eight clocks are required to transfer the command. The most
significant bit of the command is transferred first.
▪ When the CS pin is deasserted, the device enters the Ultra-Deep Power-Down mode within the maximum time
of tEUDPD. Any additional data clocked into the device after this command is ignored.
Figure 29 shows a diagram with this timing parameter.
Figure 29. Entering Ultra-Deep Power-Down State
See Table 18 for more information on the transfer sequence for this command.
6.31.3
Programming Restrictions
The following events can cause the Ultra-Deep Power-Down operation to be aborted.
▪The CS pin must be deasserted on a byte boundary (multiple of eight bits). Otherwise, the device aborts the
operation and return to the standby mode once the CS pin is deasserted. Also, the device defaults to the
standby mode after a power cycle.
▪ The 79h command is ignored if an internally self-timed operation such as a program or erase cycle is in
progress. The 79h command must be reissued after the internally self-timed operation has been completed.
Software can monitor the RDY/BSY bit in Status Register 1 to determine when the program or erase operation
has completed.
SCK
CS
SI
SO
MSB
ICC
23
1
0
0
67
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
t
EUDPD
1111001
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com