Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FF321A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25FF321A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button AT25FF321A Datasheet HTML 10Page - Renesas Technology Corp AT25FF321A Datasheet HTML 11Page - Renesas Technology Corp AT25FF321A Datasheet HTML 12Page - Renesas Technology Corp AT25FF321A Datasheet HTML 13Page - Renesas Technology Corp AT25FF321A Datasheet HTML 14Page - Renesas Technology Corp AT25FF321A Datasheet HTML 15Page - Renesas Technology Corp AT25FF321A Datasheet HTML 16Page - Renesas Technology Corp AT25FF321A Datasheet HTML 17Page - Renesas Technology Corp AT25FF321A Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
DS-AT25FF321A-181 Rev. R
Page 14
2024-12-20
© 2024 Renesas Electronics
AT25FF321A Datasheet
4.2.4
Command, Address, and Data (1-1-1)
Figure 7 through Figure 9 show a command, address, and data transfer. In this type of transfer the command and
address are followed by one or more data types, depending on the command type.
Note that this type of transfer may contain one or more dummy bytes between the end of the address and the
beginning of the data output depending on the type of command. See Table 18 for more information.
The 1-1-1 transfer type for a read operation without dummy bytes is shown in Figure 7.
Figure 7. SPI Transfer — Command, Address, and Data — Read Operation with No Dummy Bytes
The 1-1-1 transfer type for a read operation with dummy bytes is shown in Figure 8. Note that eight dummy clocks
are shown in the figure below for illustration purposes only. More than eight clocks may be required depending on
the type of operation and operating frequency.
Figure 8. SPI Transfer — Command, Address, and Data — Read Operation with Dummy Bytes
The 1-1-1 transfer type for a write operation is shown in Figure 9.
Figure 9. SPI Transfer — Command, Address, and Data — Write Operation
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
COMMAND
AAAA
AAA
AA
MSB
MSB
DDDDDDDD
D
D
ADDRESS BITS A23-A0
DATA OUT 1
HIGH-IMPEDANCE
Mode 3
Mode 0
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
COMMAND
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
DDDDDDDD
D
D
ADDRESS BITS A23-A0
DUMMY
DATA OUT 1
HIGH-IMPEDANCE
Mode 3
Mode 0
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
COMMAND
HIGH-IMPEDANCE
AAAA
AAA
AA
MSB
DDDDDDDD
ADDRESS BITS A23-A0
DATA IN
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com