Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FF321A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25FF321A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25FF321A Datasheet HTML 17Page - Renesas Technology Corp AT25FF321A Datasheet HTML 18Page - Renesas Technology Corp AT25FF321A Datasheet HTML 19Page - Renesas Technology Corp AT25FF321A Datasheet HTML 20Page - Renesas Technology Corp AT25FF321A Datasheet HTML 21Page - Renesas Technology Corp AT25FF321A Datasheet HTML 22Page - Renesas Technology Corp AT25FF321A Datasheet HTML 23Page - Renesas Technology Corp AT25FF321A Datasheet HTML 24Page - Renesas Technology Corp AT25FF321A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
DS-AT25FF321A-181 Rev. R
Page 21
2024-12-20
© 2024 Renesas Electronics
AT25FF321A Datasheet
Figure 19 shows how one 4 kB block maps to sixteen 256 byte pages. The very top and bottom block ranges are
shown.
Figure 19. AT25FF321A Device Block Memory Map — Page Program
4 kB Blocks
256 Byte Page
1 - 256 Byte Page Program
(02h)
4 kB (B
1023)
256 Bytes
3FFF00h - 3FFFFFh
4 kB (B
1022)
256 Bytes
3FFE00h - 3FFEFFh
4 kB (B
1021)
256 Bytes
3FFD00h - 3FFDFFh
4 kB (B
1020)
256 Bytes
3FFC00h - 3FFCFFh
4 kB (B
1019)
256 Bytes
3FFB00h - 3FFBFFh
4 kB (B
1018)
256 Bytes
3FFA00h - 3FFAFFh
4 kB (B
1017)
256 Bytes
3FF900h - 3FF9FFh
4 kB (B
1016)
256 Bytes
3FF800h - 3FF8FFh
4 kB (B
1015)
256 Bytes
3FF700h - 3FF7FFh
4 kB (B
1014)
256 Bytes
3FF600h - 3FF6FFh
4 kB (B
1013)
256 Bytes
3FF500h - 3FF5FFh
4 kB (B
1012)
256 Bytes
3FF400h - 3FF4FFh
4 kB (B
1011)
256 Bytes
3FF300h - 3FF3FFh
4 kB (B
1010)
256 Bytes
3FF200h - 3FF2FFh
4 kB (B
1009)
256 Bytes
3FF100h - 3FF1FFh
4 kB (B
1008)
256 Bytes
3FF000h - 3FF0FFh
4kB (B
1007)
to
4kB (B16)
.
.
.
.
.
.
.
.
.
4 kB (B15)
256 Bytes
000F00h - 000FFFh
4 kB (B14)
256 Bytes
000E00h - 000EFFh
4 kB (B13)
256 Bytes
000D00h - 000DFFh
4 kB (B12)
256 Bytes
000C00h - 000CFFh
4 kB (B11)
256 Bytes
000B00h - 000BFFh
4 kB (B10)
256 Bytes
000A00h - 000AFFh
4 kB (B9)
256 Bytes
000900h - 0009FFh
4 kB (B8)
256 Bytes
000800h - 0008FFh
4 kB (B7)
256 Bytes
000700h - 0007FFh
4 kB (B6)
256 Bytes
000600h - 0006FFh
4 kB (B5)
256 Bytes
000500h - 0005FFh
4 kB (B4)
256 Bytes
000400h - 0004FFh
4 kB (B3)
256 Bytes
000300h - 0003FFh
4 kB (B2)
256 Bytes
000200h - 0002FFh
4 kB (B1)
256 Bytes
000100h - 0001FFh
4 kB (B0)
256 Bytes
000000h - 0000FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com