Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE80-VMP6TP Datasheet(PDF) 40 Page - Numonyx B.V

Part # M45PE80-VMP6TP
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6TP Datasheet(HTML) 40 Page - Numonyx B.V

Back Button M45PE80-VMP6TP Datasheet HTML 36Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 37Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 38Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 39Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 40Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 41Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 42Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 43Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
DC and AC parameters
M45PE80
40/47
Figure 23.
Reset ac waveforms
Table 15.
Reset conditions
Test conditions specified in Table 8 and Table 9
Symbol
Alt.
Parameter
Conditions
Min.
Typ.
Max.
Unit
tRLRH
(1)
1.
Value guaranteed by characterization, not 100% tested in production.
tRST Reset Pulse Width
10
µs
tSHRH
Chip Select High to
Reset High
Chip should have been
deselected before Reset is
de-asserted
10
ns
Table 16.
Timings after a Reset Low pulse(1)
1.
All the values are guaranteed by characterization, and not 100% tested in production.
Test conditions specified in Table 8 and Table 9
Symbol
Alt.
Parameter
Conditions:
Reset pulse occurred
Min.
Typ.
Max.
Unit
tRHSL
tREC
Reset
Recovery
time
While decoding an instruction(2):
WREN, WRDI, RDID, RDSR,
READ, Fast_Read, PW, PP, PE,
SE, DP, RDP
2.
S remains Low while Reset is Low.
30
µs
Under completion of an Erase or
Program cycle of a PW, PP, PE, SE
operation
300
µs
Device deselected (S High) and in
Standby mode
0µs
AI06808
Reset
tRLRH
S
tRHSL
tSHRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com