Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE80-VMP6TP Datasheet(PDF) 42 Page - Numonyx B.V

Part # M45PE80-VMP6TP
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6TP Datasheet(HTML) 42 Page - Numonyx B.V

Back Button M45PE80-VMP6TP Datasheet HTML 38Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 39Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 40Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 41Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 42Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 43Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 44Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 45Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 46Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Package mechanical
M45PE80
42/47
Figure 25.
SO8 wide – 8 lead Plastic Small Outline, 208 mils body width, package
outline
1.
Drawing is not to scale.
2.
The circle in the top view of the package indicates the position of pin 1.
Table 18.
SO8 wide – 8 lead Plastic Small Outline, 208 mils body width, mechanical
data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.50
0.098
A1
0.00
0.25
0.000
0.010
A2
1.51
2.00
0.059
0.079
b
0.40
0.35
0.51
0.016
0.014
0.020
c
0.20
0.10
0.35
0.008
0.004
0.014
CP
0.10
0.004
D
6.05
0.238
E
5.02
6.22
0.198
0.245
E1
7.62
8.89
0.300
0.350
e1.27–
–
0.050
–
–
k
0°
10°
0°
10°
L
0.50
0.80
0.020
0.031
N8
8
6L_ME
E
N
CP
b
e
A2
D
c
L
A1
k
E1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com