Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE80-VMP6TP Datasheet(PDF) 23 Page - Numonyx B.V

Part # M45PE80-VMP6TP
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6TP Datasheet(HTML) 23 Page - Numonyx B.V

Back Button M45PE80-VMP6TP Datasheet HTML 19Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 20Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 21Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 22Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 23Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 24Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 25Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 26Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
M45PE80
Instructions
23/47
6.7
Page Write (PW)
The Page Write (PW) instruction allows bytes to be written in the memory. Before it can be
accepted, a Write Enable (WREN) instruction must previously have been executed. After the
Write Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch
(WEL).
The Page Write (PW) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, three address bytes and at least one data byte on Serial Data Input (D).
The rest of the page remains unchanged if no power failure occurs and the device is not
reset during the write cycle.
The Page Write (PW) instruction performs a page erase cycle even if only one byte is
updated.
If the 8 least significant address bits (A7-A0) are not all zero, all transmitted data exceeding
the addressed page boundary roll over, and are written from the start address of the same
page (the one whose 8 least significant address bits (A7-A0) are all zero). Chip Select (S)
must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 12.
If more than 256 bytes are sent to the device, previously latched data are discarded and the
last 256 data bytes are guaranteed to be written correctly within the same page. If less than
256 Data bytes are sent to device, they are correctly written at the requested addresses
without having any effects on the other bytes of the same page.
For optimized timings, it is recommended to use the Page Write (PW) instruction to write all
consecutive targeted bytes in a single sequence versus using several Page Write (PW)
sequences with each containing only a few bytes (see Table 14: AC characteristics (50 MHz
operation)).
Chip Select (S) must be driven High after the eighth bit of the last data byte has been
latched in, otherwise the Page Write (PW) instruction is not executed.
As soon as Chip Select (S) is driven High, the self-timed Page Write cycle (whose duration
is tPW) is initiated. While the Page Write cycle is in progress, the Status Register may be
read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is
1 during the self-timed Page Write cycle, and is 0 when it is completed. At some unspecified
time before the cycle is complete, the Write Enable Latch (WEL) bit is reset.
A Page Write (PW) instruction applied to a page that is Hardware Protected is not executed.
Any Page Write (PW) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com