Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE80-VMP6TP Datasheet(PDF) 8 Page - Numonyx B.V

Part # M45PE80-VMP6TP
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6TP Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M45PE80-VMP6TP Datasheet HTML 4Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 5Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 6Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 7Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 8Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 9Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 10Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 11Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Signal description
M45PE80
8/47
2
Signal description
2.1
Serial Data Output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (C).
2.2
Serial Data Input (D)
This input signal is used to transfer data serially into the device. It receives instructions,
addresses, and the data to be programmed. Values are latched on the rising edge of Serial
Clock (C).
2.3
Serial Clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data
present at Serial Data Input (D) are latched on the rising edge of Serial Clock (C). Data on
Serial Data Output (Q) changes after the falling edge of Serial Clock (C).
2.4
Chip Select (S)
When this input signal is High, the device is deselected and Serial Data Output (Q) is at high
impedance. Unless an internal Read, Program, Erase or Write cycle is in progress, the
device will be in the Standby mode (this is not the Deep Power-down mode). Driving Chip
Select (S) Low enables the device, placing it in the active power mode.
After Power-up, a falling edge on Chip Select (S) is required prior to the start of any
instruction.
2.5
Reset (Reset)
The Reset (Reset) input provides a hardware reset for the memory.
When Reset (Reset) is driven High, the memory is in the normal operating mode.
When Reset (Reset) is driven Low, the device enters the Reset mode. In this mode, the
output Q is high impedance:
If an internal operation (Write, Erase or Program cycle) is in progress when Reset (Reset) is
driven Low, the device enters the Reset mode and any on-going Write, Program or Erase
cycle is aborted. The addressed data may be lost.
2.6
Write Protect (W)
This input signal puts the device in the Hardware Protected mode, when Write Protect (W) is
connected to VSS, causing the first 256 pages of memory to become read-only by protecting
them from write, program and erase operations. When Write Protect (W) is connected to
VCC, the first 256 pages of memory behave like the other pages of memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com