Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 3Page - Renesas Technology Corp AT45DB021E Datasheet HTML 4Page - Renesas Technology Corp AT45DB021E Datasheet HTML 5Page - Renesas Technology Corp AT45DB021E Datasheet HTML 6Page - Renesas Technology Corp AT45DB021E Datasheet HTML 7Page - Renesas Technology Corp AT45DB021E Datasheet HTML 8Page - Renesas Technology Corp AT45DB021E Datasheet HTML 9Page - Renesas Technology Corp AT45DB021E Datasheet HTML 10Page - Renesas Technology Corp AT45DB021E Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 7
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
2.
Pin Configurations and Pinouts
Figure 1. Pinouts
1. The metal pad on the bottom of the UDFN package is not internally connected to a voltage potential.
This pad can be a “no connect” or connected to GND.
Table 1. Pin Configurations
Symbol
Name and Function
Asserted
State
Type
CS
Chip Select:
Asserting the CS pin selects the device. When the CS pin is deasserted, the device is
deselected and normally placed in the standby mode (not Deep Power-Down mode) and
the output pin (SO) is in a high-impedance state. When the device is deselected, data is
not accepted on the input pin (SI).
A high-to-low transition on the CS pin is required to start an operation and a low-to-high
transition is required to end an operation. When ending an internally self-timed operation
such as a program or erase cycle, the device does not enter the standby mode until the
completion of the operation.
To ensure correct power-up sequencing, it is recommended to add a 10k Ohm pull-up
resistor from CS to VCC. This ensures CS ramps together with VCC during power-up.
Low
Input
SCK
Serial Clock:
This pin is used to provide a clock to the device and is used to control the flow of data to
and from the device. Command, address, and input data present on the SI pin is always
latched on the rising edge of SCK, while output data on the SO pin is always clocked out
on the falling edge of SCK.
—
Input
SI
Serial Input:
The SI pin is used to shift data into the device. The SI pin is used for all data input
including command and address sequences. Data on the SI pin is always latched on the
rising edge of SCK. Data present on the SI pin are ignored whenever the device is
deselected (CS is deasserted).
—
Input
SO
Serial Output:
The SO pin is used to shift data out from the device. Data on the SO pin is always clocked
out on the falling edge of SCK. The SO is in a high-impedance state whenever the device
is deselected (CS is deasserted).
—
Output
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
8-lead SOIC
Top View
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
8-pad UDFN
Top View
(through package)
(1)
V
CC
GND
SO
CS
SCK
SI
WP
RESET
8-ball WLCSP
Bottom View
Ball 1
A2
B2
C2
D2
A1
B1
C1
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com