Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 20Page - Renesas Technology Corp AT45DB021E Datasheet HTML 21Page - Renesas Technology Corp AT45DB021E Datasheet HTML 22Page - Renesas Technology Corp AT45DB021E Datasheet HTML 23Page - Renesas Technology Corp AT45DB021E Datasheet HTML 24Page - Renesas Technology Corp AT45DB021E Datasheet HTML 25Page - Renesas Technology Corp AT45DB021E Datasheet HTML 26Page - Renesas Technology Corp AT45DB021E Datasheet HTML 27Page - Renesas Technology Corp AT45DB021E Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 24
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
9.3.2
Program Sector Protection Register
Once the Sector Protection Register has been erased, it can be reprogrammed using the Program Sector
Protection Register command.
To program the Sector Protection Register, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and FCh must be
clocked into the device followed by eight bytes of data corresponding to Sectors 0 through 7. After the last bit of
the opcode sequence and data have been clocked in, the CS pin must be deasserted to initiate the internally self-
timed program cycle. The programming of the Sector Protection Register must take place in a maximum time of tP.
During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is
powered-down before the completion of the erase cycle, then the contents of the Sector Protection Register
cannot be guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the protection status of
the sectors corresponding to the bytes not clocked in cannot be guaranteed.
Example: If only the first two bytes are clocked in instead of the complete eight bytes, then the protection status of
the last six sectors cannot be guaranteed. Furthermore, if more than eight bytes of data is clocked into the device,
then the data wraps back around to the beginning of the register. For instance, if nine bytes of data are clocked in,
then the ninth byte is stored at byte location 0 of the Sector Protection Register.
The data bytes clocked into the Sector Protection Register need to be valid values (0Xh, 3Xh, CXh, and FXh for
Sector 0a or Sector 0b, and 00h or FFh for other sectors) in order for the protection to function correctly. If a non-
valid value is clocked into a byte location of the Sector Protection Register, then the protection status of the sector
corresponding to that byte location cannot be guaranteed.
Example: If a value of 17h is clocked into byte location 2 of the Sector Protection Register, then the protection
status of Sector 2 cannot be guaranteed.
The Sector Protection Register can be reprogrammed while the sector protection is enabled or disabled. Being
able to reprogram the Sector Protection Register with the sector protection enabled allows the user to temporarily
disable the sector protection to an individual sector rather than disabling sector protection completely.
The Program Sector Protection Register command uses the internal buffer for processing. Therefore, the contents
of the Buffer is altered from its previous state when this command is issued.
Table 11. Program Sector Protection Register Command
Figure 9. Program Sector Protection Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Program Sector Protection Register
3Dh
2Ah
7Fh
FCh
Data Byte
n
3Dh
2Ah
7Fh
FCh
Data Byte
n + 1
CS
Each transition represents eight bits
SI
Data Byte
n + 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com