Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 19Page - Renesas Technology Corp AT45DB021E Datasheet HTML 20Page - Renesas Technology Corp AT45DB021E Datasheet HTML 21Page - Renesas Technology Corp AT45DB021E Datasheet HTML 22Page - Renesas Technology Corp AT45DB021E Datasheet HTML 23Page - Renesas Technology Corp AT45DB021E Datasheet HTML 24Page - Renesas Technology Corp AT45DB021E Datasheet HTML 25Page - Renesas Technology Corp AT45DB021E Datasheet HTML 26Page - Renesas Technology Corp AT45DB021E Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 23
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
9.3
Sector Protection Register
The nonvolatile Sector Protection Register specifies which sectors are to be protected or unprotected with either
the software or hardware controlled protection methods. The Sector Protection Register contains eight bytes of
data, of which byte locations 0 through 7 contain values that specify whether Sectors 0 through 7 are protected or
unprotected. The Sector Protection Register is user modifiable and must be erased before it can be
reprogrammed. Table 8 illustrates the format of the Sector Protection Register.
Table 8. Sector Protection Register
Note: The default values for bytes 0 through 7 are 00h when shipped from Renesas Electronics.
Table 9. Sector 0 (0a, 0b) Sector Protection Register Byte Value
Note:X = Don’t care.
9.3.1
Erase Sector Protection Register
In order to modify and change the values of the Sector Protection Register, it must first be erased using the Erase
Sector Protection Register command.
To erase the Sector Protection Register, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and CFh must be
clocked into the device. After the last bit of the opcode sequence has been clocked in, the CS pin must be
deasserted to initiate the internally self-timed erase cycle. The erasing of the Sector Protection Register must take
place in a maximum time of tPE. During this time, the RDY/BUSY bit in the Status Register indicates that the
device is busy. If the device is powered-down before the completion of the erase cycle, then the contents of the
Sector Protection Register cannot be guaranteed.
The Sector Protection Register can be erased with sector protection enabled or disabled. Since the erased state
(FFh) of each byte in the Sector Protection Register is used to indicate that a sector is specified for protection,
leaving the sector protection enabled during the erasing of the register allows the protection scheme to be more
effective in the prevention of accidental programming or erasing of the device. If for some reason an erroneous
program or erase command is sent to the device immediately after erasing the Sector Protection Register and
before the register can be reprogrammed, then the erroneous program or erase command is not processed
because all sectors would be protected.
Table 10. Erase Sector Protection Register Command
Figure 8. Erase Sector Protection Register
Sector Number
0 (0a, 0b)
1 to 7
Protected
See Table 9
FFh
Unprotected
00h
Bit 7:6
Bit 5:4
Bit 3:2
Bit 1:0
Data Value
Sector 0a
(Page 0-7)
Sector 0b
(Page 8-127)
N/A
N/A
Sectors 0a and 0b Unprotected
00
00
XX
XX
0Xh
Protect Sector 0a
11
00
XX
XX
CXh
Protect Sector 0b
00
11
XX
XX
3Xh
Protect Sectors 0a and 0b
11
11
XX
XX
FXh
Command
Byte 1
Byte 2
Byte 3
Byte 4
Erase Sector Protection Register
3Dh
2Ah
7Fh
CFh
3Dh
2Ah
7Fh
CFh
CS
Each transition represents eight bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com