Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 1 Page - Renesas Technology Corp

  AT45DB021E Datasheet HTML 1Page - Renesas Technology Corp AT45DB021E Datasheet HTML 2Page - Renesas Technology Corp AT45DB021E Datasheet HTML 3Page - Renesas Technology Corp AT45DB021E Datasheet HTML 4Page - Renesas Technology Corp AT45DB021E Datasheet HTML 5Page - Renesas Technology Corp AT45DB021E Datasheet HTML 6Page - Renesas Technology Corp AT45DB021E Datasheet HTML 7Page - Renesas Technology Corp AT45DB021E Datasheet HTML 8Page - Renesas Technology Corp AT45DB021E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Datasheet
DS-AT45DB021E-8789 Rev. M
Page 1
5/16/24
© 2024 Renesas Electronics
Features
• Single 1.65 V - 3.6 V supply
• Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports RapidS™ operation
• Continuous read capability through entire array
• Up to 85 MHz
• Low-power read option up to 15 MHz
• Clock-to-output time (tV) of 6 ns maximum
• User-configurable page size
• 264 bytes per page (default)
• Page size can be factory pre-configured for 256 bytes
• One SRAM data buffer (256/264 bytes)
• Flexible programming options
• Byte/Page Program (1 to 256/264 bytes) directly into main memory
• Buffer Write
• Buffer to Main Memory Page Program
• Flexible erase options
• Page Erase (256/264 bytes)
• Block Erase (2 kB)
• Sector Erase (32 kB)
• Chip Erase (2 Mbits)
• Program and Erase Suspend/Resume
• Advanced hardware and software data protection features
• Individual sector protection
• Individual sector lockdown to make any sector permanently read-only
• 128-byte, One-Time Programmable (OTP) Security Register
• 64 bytes factory programmed with a unique identifier
• 64 bytes user programmable
• Hardware and software controlled reset options
• JEDEC Standard Manufacturer and Device ID Read
• Low power dissipation
• 200 nA Ultra-Deep Power-Down current (typical)
• 3 µA Deep Power-Down current (typical)
• 25 µA Standby current (typical @ 20 MHz)
• 4.5 mA Active Read current (typical))
• Endurance: 100,000 program/erase cycles per page minimum
• Data retention: 20 years
• Complies with full industrial temperature range
• Green (Pb/Halide-free/RoHS compliant) packaging options
• 8-lead SOIC 150-mil wide
• 8-lead SOIC 208-mil wide
• 8-pad Ultra-thin DFN (5 x 6 x 0.6 mm)
• 8-ball (2 x 4 Array) Wafer Level Chip Scale Package
• Die in Wafer Form
AT45DB021E
2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory


Similar Part No. - AT45DB021E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB021E ETC2-AT45DB021E Datasheet
2Mb / 68P
2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB021E DIALOG-AT45DB021E Datasheet
1Mb / 74P
2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB021E RENESAS-AT45DB021E Datasheet
2Mb / 70P
2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
8/11/22
AT45DB021E RENESAS-AT45DB021E Datasheet
2Mb / 69P
2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
Rev. N 3/24/26
logo
Dialog Semiconductor
AT45DB021E-DWF DIALOG-AT45DB021E-DWF Datasheet
1Mb / 74P
2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
More results

Similar Description - AT45DB021E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB021E ETC2-AT45DB021E Datasheet
2Mb / 68P
2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E Datasheet
2Mb / 71P
4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E_14 Datasheet
2Mb / 71P
4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB081E ETC2-AT45DB081E_14 Datasheet
2Mb / 70P
8-Mbit DataFlash (with Extra 256-Kbits), 1.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB021E DIALOG-AT45DB021E Datasheet
1Mb / 74P
2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
AT45DB081E DIALOG-AT45DB081E Datasheet
1Mb / 79P
8-Mbit DataFlash (with Extra 256-kbits) 1.7 V Minimum SPI Serial Flash Memory
AT45DB641E DIALOG-AT45DB641E Datasheet
1Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB021E RENESAS-AT45DB021E Datasheet
2Mb / 70P
2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
8/11/22
AT45DB041E RENESAS-AT45DB041E Datasheet
2Mb / 78P
2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
9/26/22
AT45DB081E RENESAS-AT45DB081E Datasheet
2Mb / 97P
8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory
8/16/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com