Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR256KB Datasheet(PDF) 36 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 36 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 32Page - Numonyx B.V M58LR256KB Datasheet HTML 33Page - Numonyx B.V M58LR256KB Datasheet HTML 34Page - Numonyx B.V M58LR256KB Datasheet HTML 35Page - Numonyx B.V M58LR256KB Datasheet HTML 36Page - Numonyx B.V M58LR256KB Datasheet HTML 37Page - Numonyx B.V M58LR256KB Datasheet HTML 38Page - Numonyx B.V M58LR256KB Datasheet HTML 39Page - Numonyx B.V M58LR256KB Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
Status Register
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
36/111
5.6
Program suspend status bit (SR2)
The program suspend status bit indicates that a program operation has been suspended in
the addressed block. The program suspend status bit should only be considered valid when
the Program/Erase Controller status bit is High (Program/Erase Controller inactive).
When the program suspend status bit is High (set to ‘1’), a Program/Erase Suspend
command has been issued and the memory is waiting for a Program/Erase Resume
command.
SR2 is set within the program suspend latency time of the Program/Erase Suspend
command being issued, therefore, the memory may still complete the operation rather than
entering the suspend mode.
When a Program/Erase Resume command is issued the program suspend status bit returns
Low.
5.7
Block protection status bit (SR1)
The block protection status bit identifies if a program or block erase operation has tried to
modify the contents of a locked or locked-down block.
When the block protection status bit is High (set to ‘1’), a program or erase operation has
been attempted on a locked or locked-down block
Once set High, the block protection status bit must be set Low by a Clear Status Register
command or a hardware reset before a new program or erase command is issued,
otherwise the new command appears to fail.
5.8
Bank write/multiple word program status bit (SR0)
The bank write status bit indicates whether the addressed bank is programming or erasing.
In buffer enhanced factory program mode the multiple word program bit shows if the device
is ready to accept a new word to be programmed to the memory array.
The bank write status bit should only be considered valid when the Program/Erase
Controller status bit SR7 is Low (set to ‘0’).
When both the Program/Erase Controller status bit and the bank write status bit are Low (set
to ‘0’), the addressed bank is executing a program or erase operation. When the
Program/Erase Controller status bit is Low (set to ‘0’) and the bank write status bit is High
(set to ‘1’), a program or erase operation is being executed in a bank other than the one
being addressed.
In buffer enhanced factory program mode if multiple word program status bit is Low (set to
‘0’), the device is ready for the next word. If the multiple word program status bit is High (set
to ‘1’) the device is not ready for the next word.
For further details on how to use the Status Register, see the Flowcharts and Pseudocodes
provided in Appendix C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com