Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR256KB Datasheet(PDF) 28 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 28 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 24Page - Numonyx B.V M58LR256KB Datasheet HTML 25Page - Numonyx B.V M58LR256KB Datasheet HTML 26Page - Numonyx B.V M58LR256KB Datasheet HTML 27Page - Numonyx B.V M58LR256KB Datasheet HTML 28Page - Numonyx B.V M58LR256KB Datasheet HTML 29Page - Numonyx B.V M58LR256KB Datasheet HTML 30Page - Numonyx B.V M58LR256KB Datasheet HTML 31Page - Numonyx B.V M58LR256KB Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
Command interface
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
28/111
The Protection Register Program cannot be suspended. Dual operations between the
parameter bank and the Protection Register memory space are not allowed (see Table 16:
Dual operation limitations for details)
The two Protection Register locks protect the OTP segments from further modification. The
protection of the OTP segments is not reversible. Refer to Figure 4: Protection Register
memory map and Table 9: Protection Register locks for details on the lock bits.
See Appendix C, Figure 25: Protection Register program flowchart and pseudocode for a
flowchart for using the Protection Register Program command.
4.14
Set Configuration Register command
The Set Configuration Register command writes a new value to the Configuration Register.
Two bus write cycles are required to issue the Set Configuration Register comman:
●
The first cycle sets up the Set Configuration Register command and the address
corresponding to the Configuration Register content.
●
The second cycle writes the Configuration Register data and the confirm command.
The Configuration Register data must be written as an address during the bus write cycles,
that is A0 = CR0, A1 = CR1, …, A15 = CR15. Addresses A16-A22 are ignored.
Read operations output the array content after the Set Configuration Register command is
issued.
The Read Electronic Signature command is required to read the updated contents of the
Configuration Register.
4.15
Block Lock command
The Block Lock command locks a block and prevent program or erase operations from
changing the data in it. All blocks are locked after power-up or reset.
Two bus write cycles are required to issue the Block Lock command:
●
The first bus cycle sets up the Block Lock command.
●
The second bus write cycle latches the block address and locks the block.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 17 shows the lock status after issuing a Block Lock command.
Once set, the block lock bits remain set even after a hardware reset or power-down/power-
up. They are cleared by a Block Unlock command.
Refer to Section 9: Block locking for a detailed explanation. See Appendix C, Figure 24:
Locking operations flowchart and pseudocode for a flowchart for using the Lock command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com