Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR256KB Datasheet(PDF) 8 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 4Page - Numonyx B.V M58LR256KB Datasheet HTML 5Page - Numonyx B.V M58LR256KB Datasheet HTML 6Page - Numonyx B.V M58LR256KB Datasheet HTML 7Page - Numonyx B.V M58LR256KB Datasheet HTML 8Page - Numonyx B.V M58LR256KB Datasheet HTML 9Page - Numonyx B.V M58LR256KB Datasheet HTML 10Page - Numonyx B.V M58LR256KB Datasheet HTML 11Page - Numonyx B.V M58LR256KB Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
Description
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
8/111
1
Description
The M58LR128KT/B and M58LR256KT/B are 128 Mbit (8 Mbit ×16) and 256 Mbit (16 Mbit
×16) non-volatile Flash memories, respectively. They can be erased electrically at block
level and programmed in-system on a word-by-word basis using a 1.7 V to 2.0 V VDD supply
for the circuitry and a 1.7 V to 2.0 V VDDQ supply for the input/output pins. An optional 9 V
VPP power supply is provided to accelerate factory programming.
The devices feature an asymmetrical block architecture:
●
The M58LR128KT/B have an array of 131 blocks, and are divided into 8 Mbit banks.
There are 15 banks each containing 8 main blocks of 64 Kwords, and one parameter
bank containing 4 parameter blocks of 16 Kwords and 7 main blocks of 64 Kwords.
●
The M58LR256KT/B have an array of 259 blocks, and are divided into 16 Mbit banks.
There are 15 banks each containing 16 main blocks of 64 Kwords, and one parameter
bank containing 4 parameter blocks of 16 Kwords and 15 main blocks of 64 Kwords.
The multiple bank architecture allows dual operations. While programming or erasing in one
bank, read operations are possible in other banks. Only one bank at a time is allowed to be
in program or erase mode. It is possible to perform burst reads that cross bank boundaries.
The bank architecture is summarized in Table 2, and the memory map is shown in Figure 2.
The parameter blocks are located at the top of the memory address space for the
M58LR128KT and M58LR256KT, and at the bottom for the M58LR128KB and
M58LR256KB.
Each block can be erased separately. Erase can be suspended to perform a program or
read operation in any other block, and then resumed. Program can be suspended to read
data at any memory location except for the one being programmed, and then resumed.
Each block can be programmed and erased over 100 000 cycles using the supply voltage
VDD. There is a buffer enhanced factory programming command available to speed up
programming.
Program and erase commands are written to the command interface of the memory. An
internal Program/Erase Controller manages the timings necessary for program and erase
operations. The end of a program or erase operation can be detected and any error
conditions identified in the Status Register. The command set required to control the
memory is consistent with JEDEC standards.
The device supports synchronous burst read and asynchronous read from all blocks of the
memory array; at power-up the device is configured for asynchronous read. In synchronous
burst read mode, data is output on each clock cycle at frequencies of up to 66 MHz. The
synchronous burst read operation can be suspended and resumed.
The device features an automatic standby mode. When the bus is inactive during
asynchronous read operations, the device automatically switches to automatic standby
mode. In this condition the power consumption is reduced to the standby value and the
outputs are still driven.
The M58LRxxxKT/B features an instant, individual block locking scheme that allows any
block to be locked or unlocked with no latency, enabling instant code and data protection. All
blocks have three levels of protection. They can be locked and locked-down individually
preventing any accidental programming or erasure. There is an additional hardware
protection against program and erase. When VPP ≤VPPLK all blocks are protected against
program or erase. All blocks are locked at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com