Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR256KB Datasheet(PDF) 48 Page - Numonyx B.V

Part # M58LR256KB
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB Datasheet(HTML) 48 Page - Numonyx B.V

Back Button M58LR256KB Datasheet HTML 44Page - Numonyx B.V M58LR256KB Datasheet HTML 45Page - Numonyx B.V M58LR256KB Datasheet HTML 46Page - Numonyx B.V M58LR256KB Datasheet HTML 47Page - Numonyx B.V M58LR256KB Datasheet HTML 48Page - Numonyx B.V M58LR256KB Datasheet HTML 49Page - Numonyx B.V M58LR256KB Datasheet HTML 50Page - Numonyx B.V M58LR256KB Datasheet HTML 51Page - Numonyx B.V M58LR256KB Datasheet HTML 52Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
Read modes
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
48/111
7.2.1
Synchronous burst read suspend
A synchronous burst read operation can be suspended, freeing the data bus for other higher
priority devices. It can be suspended during the initial access latency time (before data is
output) or after the device has output data. When the synchronous burst read operation is
suspended, internal array sensing continues and any previously latched internal data is
retained. A burst sequence can be suspended and resumed as often as required as long as
the operating conditions of the device are met.
A synchronous burst read operation is suspended when Chip Enable, E, is Low and the
current address has been latched (on a Latch Enable rising edge or on a valid clock edge).
The Clock signal is then halted at VIH or at VIL, and Output Enable, G, goes High.
When Output Enable, G, becomes Low again and the Clock signal restarts, the
synchronous burst read operation is resumed exactly where it stopped.
WAIT reverts to high-impedance when Chip Enable, E, or Output Enable, G, goes High.
See Table 25: Synchronous read AC characteristics and Figure 13: Synchronous burst read
suspend AC waveforms for details.
7.3
Single synchronous read mode
Single synchronous read operations are similar to synchronous burst read operations
except that the memory outputs the same data to the end of the operation.
Synchronous single reads are used to read the electronic signature, Status Register, CFI,
block protection status, Configuration Register Status or the Protection Register. When the
addressed bank is in read CFI, read Status Register or read electronic signature mode, the
WAIT signal is asserted during the X latency, the WAIT state and at the end of a 4, 8 and 16
word burst. It is only de-asserted when output data are valid.
See Table 25: Synchronous read AC characteristics and Figure 12: Single synchronous
read AC waveforms for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com