Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4963-2M Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 37Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 38Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 39Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 40Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 41Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 42Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 43Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 44Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
41
Angle sensors
Angle sensors
Compact designs in small outline packages – at highest functional safety
Angle sensors detect the orientation of an applied magnetic field by measuring sine and cosine angle components with monolith-
ically integrated magneto resistive elements.
Infineon offers a large variety of high-precision angle sensors in all common technologies such as AMR (Anisotropic Magnetoresistive),
GMR (Giant Magnetoresitive) and also TMR (Tunnel Magnetoresitive). The xMR technologies are complementary. Addressing any kind
of rotation applications, Infineon’s sensor portfolio consists of products with analogue and digital outputs, as single and dual-chip
channel variants and as products for safety-relevant applications. The two-channel analogue TMR angle sensors TLE5501, the digital
GMR angle sensor family TLE5014 and the high-precision AMR-based TLE5109 products are among the latest additions to the growing
sensor portfolio, which includes all common technologies and is designed for both, industrial and automotive applications.
Infineon’s new magnetic sensor products TLE5501, are fast analogue TMR-based angle sensors dedicated to automotive appli-
cations. Their fields of use range from steering angle applications, with the highest functional safety requirements, to motors for
wipers, pumps and actuators and electric motors in general.
The new TLE5109A16 AMR based products address the need for very precise, fast and yet cost-efficient angle measurement at
the highest functional safety levels in automotive and industrial applications. These include position measurement in brushless
DC motors for pumps, wipers or brakes, position measurements of valves, flaps or pedals and steering angle measurement.
Infineon’s broad portfolio of iGMR sensors are ideal for a wide range of angle applications, such as BLDC motors or steering
angle sensors. They are pre-calibrated and ready-to-use. Different levels of signal processing integration from the straight
forward TLE5012B to the highly complex and programmable TLE5014 enable designers to optimize system partitioning.
The large portfolio of Infineon Angle sensors is equally suited to meet ready to use industrial and consumer applications
like robotics or gimbal and highly safety critical Automotive Applications such as braking or steering.
Highest variety – low end to high end sensors, standardized and specialized in three xMR magnetic technologies: GMR, AMR and TMR
www.infineon.com/angle-sensors
iGMR, iAMR and iTMR based angle sensors
Diverse redundant sensor with analog and digital interface
Product
Technology Die configuration Sin/cos output Angle output Second interface
Accuracy ISO 26262
Package
TLE5009
GMR
Single die
Analog sin/cos –
–
0.9°
Ready
DSO-8
TLE5009A16(D)
GMR
Dual die
Analog sin/cos –
–
1.0°
Ready
TDSO-16
TLE5011
GMR
Single die
SSC (SPI)
–
–
1.6°
Ready
DSO-8
TLI5012B
GMR
Single die
SSC (SPI)
SSC (SPI)
PWM/IIF/SPC/HSM 1.9°
QM
DSO-8
TLE5012B(D)
GMR
Single & dual die SSC (SPI)
SSC (SPI)
PWM/IIF/SPC/HSM 1.0°
Ready
DSO-8/
TDSO-16
TLE5014C16(D)
GMR
Single & dual die –
SPC
–
1.0°
Compliant
TDSO-16
TLE5014P16(D)
GMR
Single & dual die –
PWM
–
1.0°
Compliant
TDSO-16
TLE5014S16(D)
GMR
Single & dual die –
SENT
–
1.0°
Compliant
TDSO-16
TLE5014SP16(D) GMR
Single & dual die –
SPI
–
1.0°
QM/Compliant
TDSO-16
TLE5109A16(D)
AMR
Single & dual die Analog sin/cos –
–
0.5°
Ready
TDSO-16
TLE5309D
AMR + GMR Dual die
Analog sin/cos SSC (SPI)
–
AMR 0.5°,
GMR 1.0°
Ready
TDSO-16
TLE5501
TMR
Single die
Analog sin/cos –
–
1.0°
Compliant
DSO-8
SPI
= Serial peripheral interface
IIF
= Incremental interface
PWM = Pulse width modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com