Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4963-2M Datasheet(PDF) 47 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 47 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 43Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 44Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 45Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 46Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 47Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 48Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 49Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 50Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
47
Magnetic speed sensors
Infineon’s Hall- and GMR-based magnetic speed sensors are designed to measure speed in safety and powertrain appli-
cations such as speedometers, ABS, camshafts/crankshafts, and automatic transmissions. They are also used in similar
applications in the industrial sector. The sensors use a ferromagnetic gear tooth or encoder structure to measure linear or
rotational speed and position. Hall sensor measuring rotational speed with a gear tooth and a magnetic encoder wheel.
The majority of sensors also feature additional benefits such as integrated capacitorsfor high EMC robustness and the
highest levels of ESD protection.
Magnetic speed sensors
Easy to use, robust and cost-effective sensors for speed measurement
Back-bias magnetEncoder wheels
Gear wheel
Magnet wheel
N (S)
S (N)
Permanent magnet
Sensor cell 2
Sensor cell 1
Signal
processing
circuitry
Signal
processing
circuitry
Sensor cell 2
Sensor cell 1
N
N
S
S
S
Typical application of a magnetic differential sensor
www.infineon.com/speed-sensors
TLE4921-5U
Highly robust and cost-effective speed sensor
TLE4921-5U is a highly robust and cost-effective solution for measuring speed in a wide
range of automotive and industrial applications, delivering outstanding performance
while enabling simple, low-cost magnetic circuit designs, making it ideal for all entry-level
speed sensing applications.
Features
› Good sensing performance and high sensitivity
› Well suited to harsh environments thanks to dynamic offset cancellation,
EMI robustness, reverse polarity and overvoltage protection
› Suitable for a broad temperature range
› Flexiblesensormoduleinterfacethatcanbeconfiguredfortwo-wireand
three-wire interfaces
› AEC-Q100 qualified
Applications
› Engine speed and position
(e.g. crankshaft)
› Transmission speed
› Speedometer
› Industrial speed and position
sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com