Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS064FF Datasheet(PDF) 49 Page - Numonyx B.V

Part # SMS064FF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS064FF Datasheet(HTML) 49 Page - Numonyx B.V

Back Button SMS064FF Datasheet HTML 45Page - Numonyx B.V SMS064FF Datasheet HTML 46Page - Numonyx B.V SMS064FF Datasheet HTML 47Page - Numonyx B.V SMS064FF Datasheet HTML 48Page - Numonyx B.V SMS064FF Datasheet HTML 49Page - Numonyx B.V SMS064FF Datasheet HTML 50Page - Numonyx B.V SMS064FF Datasheet HTML 51Page - Numonyx B.V SMS064FF Datasheet HTML 52Page - Numonyx B.V SMS064FF Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Serial peripheral interface (SPI) mode
49/61
Figure 37.
Host Command to Card Response - Card is Ready
Figure 38.
Host Command to Card Response - Card is Busy
Table 29.
SPI Timing Values
Timing
Min
Max
Unit
NCS
0
8 clock cycles
NCR
1
8
8 clock cycles
NCX
0
8
8 clock cycles
NRC
1
8 clock cycles
NAC
1
Specified in CSD
Register
8 clock cycles
NWR
1
8 clock cycles
NEC
0
8 clock cycles
NDS
0
8 clock cycles
NBR
1
1
8 clock cycles
HL
L
L
* * * * * * * * * * * * * * * * * * * * *
CS
XH
X
H
H
HH
X
XX
Data In
L
LL
* * * * * * * * * *
H * * H
L
H
HH
NEC
H
H * * H
6 Byte Command
ai10071
Z
H
Z
H
H
HH
H
ZZ
1 or 2 Byte Response
H * * H
* * * * * * * * *
Data Out
Z
HH
H
H
NCS
NEC
LL
L
* * * * * * * * * * * * * * * * * * * * *
CS
XH H H
HH
XX
Data In
L LL
H * * H
L
L HH
NEC
H
H * * H
6 Byte Command
ai10072
Z
Z
Z
H H
ZH HZ
Response
H * * H
* * * * * * * * *
Data Out
HH H H
NCS
NCR
H HH L
L LL L
H HH H
X * X
H H H * H
H
Busy
Busy
Z
L
NDS
NEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com