Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS064FF Datasheet(PDF) 57 Page - Numonyx B.V

Part # SMS064FF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS064FF Datasheet(HTML) 57 Page - Numonyx B.V

Back Button SMS064FF Datasheet HTML 53Page - Numonyx B.V SMS064FF Datasheet HTML 54Page - Numonyx B.V SMS064FF Datasheet HTML 55Page - Numonyx B.V SMS064FF Datasheet HTML 56Page - Numonyx B.V SMS064FF Datasheet HTML 57Page - Numonyx B.V SMS064FF Datasheet HTML 58Page - Numonyx B.V SMS064FF Datasheet HTML 59Page - Numonyx B.V SMS064FF Datasheet HTML 60Page - Numonyx B.V SMS064FF Datasheet HTML 61Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Package mechanical data
57/61
c
0.17
0.21
0.25
0.007
0.008
0.010
C1
0.60
0.70
0.80
0.024
0.028
0.031
C2
0.20
0.30
0.40
0.008
0.012
0.016
C3
0.90
1.00
1.10
0.035
0.039
0.043
R1
0.20
0.40
0.60
0.008
0.016
0.024
R2
0.20
0.40
0.60
0.008
0.016
0.024
R3
0.70
0.80
0.90
0.028
0.031
0.035
R4
0.70
0.80
0.90
0.028
0.031
0.035
R5
0.70
0.80
0.90
0.028
0.031
0.035
R6
0.70
0.80
0.90
0.028
0.031
0.035
R7
29.50
30.00
30.50
1.161
1.181
1.201
R10
-
0.20
-
-
0.008
-
R11
-
0.20
-
-
0.008
-
R17
0.10
0.20
0.30
0.004
0.008
0.012
R18
0.20
0.40
0.60
0.008
0.016
0.024
R19
0.05
-
0.20
0.002
-
0.008
Table 32.
MicroSD package mechanical data (continued)
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com