Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS064FF Datasheet(PDF) 32 Page - Numonyx B.V

Part # SMS064FF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS064FF Datasheet(HTML) 32 Page - Numonyx B.V

Back Button SMS064FF Datasheet HTML 28Page - Numonyx B.V SMS064FF Datasheet HTML 29Page - Numonyx B.V SMS064FF Datasheet HTML 30Page - Numonyx B.V SMS064FF Datasheet HTML 31Page - Numonyx B.V SMS064FF Datasheet HTML 32Page - Numonyx B.V SMS064FF Datasheet HTML 33Page - Numonyx B.V SMS064FF Datasheet HTML 34Page - Numonyx B.V SMS064FF Datasheet HTML 35Page - Numonyx B.V SMS064FF Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
Card registers
SMSxxxAF, SMSxxxFF, SMSxxxBF
32/61
5.2
CID Register
The Card IDentification (CID) Register contains the card identification information used
during the card identification phase. Each Flash memory card should have a unique
identification number. The structure of the CID register is defined in Figure 16.
9
2.1V to 2.2V
10
2.2V to 2.3V
11
2.3V to 2.4V
12
2.4V to 2.5V
13
2.5V to 2.6V
14
2.6V to 2.7V
15
2.7V to 2.8V
16
2.8V to 2.9V
17
2.9V to 3.0V
18
3.0V to 3.1V
19
3.1V to 3.2V
20
3.2V to 3.3V
21
3.3V to 3.4V
22
3.4V to 3.5V
23
3.5V to 3.6V
24-30
reserved
31
Card Power-up Status bit (busy). This bit is Low during the card power-up
routine. It goes High on completion
Table 20.
OCR Register Definition (continued)
OCR Bit Position
VDD Voltage Range
Table 21.
CID Fields
Name
Field
Width
CID-slice
Manufacturer ID
MID
8
[127:120]
OEM/Application ID
OID
16
[119:104]
Product name
PNM
40
[103:64]
Product revision
PRV
8
[63:56]
Product serial number
PSN
32
[55:24]
Reserved
--
4
[23:20]
Manufacturing date
MDT
12
[19:8]
CRC7 checksum
CRC
7
[7:1]
not used, always '1’
--
1
[0:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com