Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS064FF Datasheet(PDF) 55 Page - Numonyx B.V

Part # SMS064FF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS064FF Datasheet(HTML) 55 Page - Numonyx B.V

Back Button SMS064FF Datasheet HTML 51Page - Numonyx B.V SMS064FF Datasheet HTML 52Page - Numonyx B.V SMS064FF Datasheet HTML 53Page - Numonyx B.V SMS064FF Datasheet HTML 54Page - Numonyx B.V SMS064FF Datasheet HTML 55Page - Numonyx B.V SMS064FF Datasheet HTML 56Page - Numonyx B.V SMS064FF Datasheet HTML 57Page - Numonyx B.V SMS064FF Datasheet HTML 58Page - Numonyx B.V SMS064FF Datasheet HTML 59Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Package mechanical data
55/61
D3
-
-
-
0.1929
0.1909
0.1948
e
1.30
0.0511
0.0492
0.0531
G1
0.60
-
-
0.0236
0.0216
0.0255
G2
-
0.60
-
0.0255
0.0236
0.0275
G3
-
10
-
0.4015
0.3976
0.4055
G4
-
-
-
0.0078
-
-
J2
1
0.90
1.10
0.0393
0.0374
0.0413
J3
1.20
1.00
1.40
0.0472
0.0452
0.0492
M1
3.00
-
-
0.1181
0.1161
0.1200
M2
3.60
-
-
0.1417
0.1397
0.1437
R
0.50
-
-
0.0196
-
-
Radius
R1
0.30
-
-
0.0118
-
-
Radius
R2
0.10
-
-
0.0039
-
-
Radius
R3
0.20
-
-
0.0078
-
-
Radius
R4
1.00
-
-
0.0393
-
-
Radius
Θ
45
--
45
--
Table 31.
MiniSD package mechanical data (continued)
Symbol
millimeters
inches
Note
Typ
Min
Max
Typ
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com