Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142CP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142CP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142CP Datasheet(HTML) 1 Page - Texas Instruments

  TLE2142CP Datasheet HTML 1Page - Texas Instruments TLE2142CP Datasheet HTML 2Page - Texas Instruments TLE2142CP Datasheet HTML 3Page - Texas Instruments TLE2142CP Datasheet HTML 4Page - Texas Instruments TLE2142CP Datasheet HTML 5Page - Texas Instruments TLE2142CP Datasheet HTML 6Page - Texas Instruments TLE2142CP Datasheet HTML 7Page - Texas Instruments TLE2142CP Datasheet HTML 8Page - Texas Instruments TLE2142CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
Copyright
© 1994, Texas Instruments Incorporated
5–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Low Noise
10 Hz...15 nV/
√Hz
1 kHz... 10.5 nV/
√Hz
• 10000-pF Load Capability
• 20-mA Min Short-Circuit Output Current
• 27-V/µs Min Slew Rate
• High Gain-Bandwidth Product... 5.9 MHz
• Low V
IO . . . 750 µV Max at 25°C
• Single or Split Supply
• Fast Settling Time
340 ns to 0.1%
400 ns to 0.01%
• Saturation Recovery... 150 ns
• Large Output Swing
VCC– +0.1 V to VCC+ – 1 V
40
20
10
0
50
30
0.01
0.1
1
10
SLEW RATE
vs
LOAD CAPACITANCE
150
100
50
0
1
10
100
200
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
250
1 k
10 k
VCC
± = ±15 V
AVD = – 1
TA= 25°C
SR +
SR –
VCC
± = ±15 V
RS = 20 Ω
TA = 25°C
TA = 125°C
TA = – 55°C
CL – Load Capacitance – nF
description
The TLE2142 and TLE2142A devices are high-performance internally-compensated operational amplifiers built
using Texas Instruments complementary bipolar Excalibur process. The TLE2142A is a tighter offset voltage
grade of the TLE2142. Both are pin-compatible upgrades to standard industry products.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CHIP
FORM
(Y)
0
°Cto70°C
750
µV
TLE2142ACD
—
—
TLE2142ACP
—
0
°C to 70°C
1200
µV
TLE2142CD
—
—
TLE2142CP
—
–40
°Cto105°C
750
µV
TLE2142AID
—
—
TLC2142AIP
TLE2142Y
– 40
°C to 105°C
1200
µV
TLE2142ID
—
—
TLC2142IP
TLE2142Y
– 55
°Cto125°C
750
µV
TLE2142AMD
TLE2142AMFK
TLE2142AMJG
TLC2142AMP
—
– 55
°C to 125°C
1200
µV
TLE2142MD
TLE2142MFK
TLE2142MJG
TLC2142MP
—
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2142ACDR).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TLE2142CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2142CP TI-TLE2142CP Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142CP TI-TLE2142CP Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142CP TI-TLE2142CP Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142CP TI1-TLE2142CP Datasheet
1Mb / 79P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142CPE4 TI-TLE2142CPE4 Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2142CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027 TI-TLE2027 Datasheet
562Kb / 35P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2227 TI-TLE2227 Datasheet
492Kb / 31P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLE2144 TI-TLE2144 Datasheet
898Kb / 60P
EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI1-TLE214X_16 Datasheet
1Mb / 77P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2227 TI1-TLE2227_05 Datasheet
520Kb / 32P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com